Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 161 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 161 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 157Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 165Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
161
www.national.com
FIGURE 8-5. Timing Generation and Timer Circuit
8.3.3
KBC Clock
The KBC clock frequency is selected by the SuperI/O KBC
Configuration Register at index F0h of Logical Device 6 to
be either 8, 12 or 16 MHz.
For details regarding the configuration of each device, refer
to TABLES 2-17 "KBC Configuration Registers for Key-
board - Logical Device 6" and 2-16 "KBC Configuration
Registers for Mouse - Logical Device 5" on page 27.
8.3.4
Timer or Event Counter
The keyboard controller includes an 8-bit counter, which
can be used as a timer or an event counter, as selected by
the firmware.
Timer Operation
When the internal clock is chosen as the counter input, the
counter functions as a timer. The clock fed to the timer con-
sists of the KBC instruction cycle clock, divided by 32. (See
FIGURES 8-4 "Instruction Timing" on page 160 and FIG-
URE 8-5 "Timing Generation and Timer Circuit".) The divi-
sor is reset only by a hardware reset or when the timer is
started by an STRT T instruction.
Event Counter Operation
When the clock input of the counter is switched to the exter-
nal input (MCLK), it becomes an event counter. The falling
edge of the signal on the MCLK pin causes the counter to
increment. Timer Overflow Flag and Timer interrupt operate
as in the timer mode.
8.4
EXTERNAL I/O INTERFACES
The PC chip set interfaces with the PC87309 as illustrated
in FIGURE 8-2 "System Interfaces" on page 159.
All data transactions between the KBC and the PC chip set
are handled by the PC87309.
The PC87309 decodes all I/O device chip-select functions
from the address bus. The KBC chip-select codes are, tra-
ditionally, 60h or 64h, as described in TABLE 8-1 "System
Interface Operations" on page 163. (These addresses are
user-programmable.)
The external interface includes two sets of signals: the key-
board and mouse interface signals, and the general-pur-
pose I/O signals.
8.4.1
Keyboard and Mouse Interface
Four serial I/O signals interface with the external keyboard
and mouse. These signals are driven by open-collector driv-
ers with signals derived from two I/O ports residing on the
internal bus. Each output can drive 16 mA, making them
suitable for driving the keyboard and mouse cables. The
signals are named KBCLK, KBDAT, MCLK and MDAT, and
they are the logical complements of P26, P27, P23 and
P22, respectively.
TEST0 and TEST1 are dedicated test pins, internally con-
nected to KBCLK and MCLK, respectively, as shown in FIG-
URES 8-1
"KBC System Functional Block Diagram" on
page 158 and 8-2 "System Interfaces" on page 159. These
pins may be used as logical conditions for conditional jump
instructions, which directly check the logical levels at the
pins.
KBDAT and MDAT are connected to pins P10 and P11, re-
spectively.
MCLK also provides input to the event counter.
External
TEST1
3-State
5-Cycle
32-Bit
Timer
Prescaler
8-Bit Timer
or Counter
Overflow
Flag
Stop
Counter
Counter
Timer
Counter
Interrupt
(MCLK)
CLKIN
External Event Input
48 MHz
Clock
÷
KBC Clock
2 or 3
÷ 2
Select
Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com