Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 163 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 163 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 167Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
163
www.national.com
8.5
INTERNAL KBC - PC87309 INTERFACE
The KBC interfaces internally with the PC87309 via three
registers: an input (DBBIN), output (DBBOUT) and status
(STATUS) register. See FIGURE 8-1 "KBC System Func-
tional Block Diagram" on page 158 and TABLE 8-1 "Sys-
tem Interface Operations".
TABLE 8-1. System Interface Operations
TABLE 8-1 "System Interface Operations" illustrates the
use of address line A2 to differentiate between data and
commands. The device is selected by chip identification of
default address 60h (when A2 is 0) or 64h (when A2 is 1).
After reset, these addresses can be changed by software.
8.5.1
The KBC DBBOUT Register, Offset 60h,
Read Only
The DBBOUT register transfers data from the keyboard
controller to the PC87309. It is written to by the keyboard
controller and read by the PC87309 for transfer to the PC.
The PC may be notified of the need to read data from the
KBC by an interrupt request or by polling the Output Buffer
Full (OBF) bit (bit 0 of the KBC STATUS register described
in Section 8.5.3 "The KBC STATUS Register").
8.5.2
The KBC DBBIN Register, Offset 60h (F1 Clear)
or 64h (F1 Set), Write Only
The DBBIN register transfers data from the PC87309 sys-
tem to the keyboard controller. (This transaction is transpar-
ent to the user, who should program the device as if direct
access to the registers were in effect.)
When data is received in this manner, an Input Buffer Full
(IBF) internal interrupt may be generated in the KBC, to deal
with this data. Alternatively, reception of data in this manner
can be detected by the KBC polling the Input Buffer Full bit
(IBF, bit 1 of the KBC STATUS register).
8.5.3
The KBC STATUS Register
The STATUS register holds information regarding the sys-
tem interface status.The bitmap below shows the bit defini-
tion of this register. This register is controlled by the KBC
firmware and hardware, and is read-only for the system.
Bit 0 - OBF, Output Buffer Full
A 1 indicates that data has been written into the DB-
BOUT register by the KBC. It is cleared by a system
read operation from DBBOUT.
Bit 1 - IBF, Input Buffer Full
When a write operation is performed by the host system,
this bit is set to 1, which may be set up to trigger the IBF
interrupt. Upon executing an IN A, DBB instruction, it is
cleared.
Bit 2 - F0, General Purpose Flag
A general purpose flag that can be cleared or toggled by
the keyboard controller firmware.
Bit 3 - F1, Command/Data Flag
This flag holds the state of address line A2 while a write
operation is performed by the host system. It distin-
guishes between commands and data from the host
system. In this device, a write with A2 = 1 (hence F1 =
1) is defined as a command, and A2 = 0 (hence F1 = 0)
is data.
Bits 7-4, General Purpose Flags
These flags may be modified by KBC firmware.
8.6
INSTRUCTION TIMING
The KBC clock is first divided by 3 to generate the state tim-
ing, then by 5 to generate the instruction timing. Thus each
instruction cycle consists of five states and 15 clock cycles.
Most keyboard controller instructions require only one in-
struction cycle, while some require two cycles. Refer to the
8042 or PC87323VUL instruction set for details.
RD WR
Default
Addresses
Operation
0
1
60h
Read DBBOUT
1
0
60h
Write DBBIN, F1 Clear (Data)
0
1
64h
Read STATUS
1
0
64h
Write DBBIN, F1 Set (Command)
76543210
Reset
OBF Output Buffer Full
IBF Input Buffer Full
F0 General Purpose Flag
F1 Command or Data Flag
General Purpose
Flags
KBC Status Register
Offset 64h
0
0
0
0
0
0
0
0
Read Only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com