Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 165 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 165 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 168Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 169Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 192 page
background image
Device Specifications
165
www.national.com
10.0 Device Specifications
10.1 GENERAL DC ELECTRICAL CHARACTERISTICS
10.1.1
Recommended Operating Conditions
10.1.2
Absolute Maximum Ratings
Absolute maximum ratings are values beyond which damage to the device may occur. Unless otherwise specified, all volt-
ages are relative to ground.
1. Value based on test complying with RAI-5-048-RA human body model ESD testing.
10.1.3
Capacitance
TA = 25°C, f = 1 MHz
10.1.4
Power Consumption under Recommended Operating Conditions
Symbol Parameter
Min
Typ
Max
Unit
VDD
Supply Voltage
4.5
5.0
5.5
V
TA
Operating Temperature
0
+70
°C
Symbol Parameter
Conditions
Min
Max
Unit
VDD
Supply Voltage
−0.5
6.5
V
VI
Input Voltage
−0.5 V
DD + 0.5
V
VO
Output Voltage
−0.5 V
DD + 0.5
V
TSTG
Storage Temperature
−65
+165
°C
PD
Power Dissipation
1W
TL
Lead Temperature Soldering (10 sec)
+260
°C
ESD Tolerance
C
ZAP
= 100 pF
R
ZAP
= 1.5 K
Ω1
1500
V
Symbol Parameter
Min
Typ
Max
Unit
CIN
Input Pin Capacitance
57
pF
CIN1
Clock Input Capacitance
810
pF
CIO
I/O Pin Capacitance
10
12
pF
CO
Output Pin Capacitance
68
pF
Symbol Parameter
Conditions
Min
Typ
Max
Unit
ICC
VDD Average Main Supply
Current
VIL = 0.5 V
VIH = 2.4 V
No Load
32
50
mA
ICCSB
VDD Quiescent Main Supply
Current in Low Power Mode
VIL = VSS
VIH = VDD
No Load
1.3
1.7
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com