Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 164 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 164 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 166Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 167Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 168Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 192 page
background image
Interrupt and DMA Mapping
164
www.national.com
9.0
Interrupt and DMA Mapping
The standard Plug and Play configuration registers map
IRQs and DMA channels for the PC87309. See TABLES
2-7 "Plug and Play (PnP) Interrupt Configuration Registers"
and 2-8 "Plug and Play (PnP) DMA Configuration Regis-
ters" on page 24.
9.1
IRQ MAPPING
The PC87309 allows connection of some logical devices to
the seven IRQ signals.
The polarity of an IRQ signal is controlled by bit 1 of the In-
terrupt Type registers (index 71h) of each logical device.
The same bit also controls selection of push-pull or open-
drain IRQ output. High polarity implies push-pull output.
Low polarity implies open-drain output with strong pull-up
for a short time, followed by weak pull-up.
The IRQ input signals of the KBC or mouse, and of the par-
allel port are not affected by this bit, i.e., bit 1 at index 71h
of each logical device. This bit affects only the output buffer,
not the input buffer.
Only the UART1 and UART2 may map more than one logi-
cal device to any IRQ signal. Other devices may not do so.
An IRQ signal is in TRI-STATE when any of the following
conditions is true:
q
No logical device is mapped to the IRQ signal.
q
The logical device mapped to the IRQ signal is inactive.
q
The logical device mapped to the IRQ signal floats its
IRQ signal.
9.2
DMA MAPPING
Although the PC87309 allows some logical devices to be
connected to the three 8-bit DMA channels, it is illegal to
map two logical devices to the same pair of DMA signals.
A DRQ signal is in TRI-STATE and the DACK input signal
is blocked to 1 when any of the following conditions is true:
q
No logical device is mapped to the DMA channel.
q
The logical device mapped to the DMA channel is inactive.
q
The logical device mapped to the DMA channel floats its
DRQ signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com