Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 162 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 162 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 163Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 164Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 165Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 166Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 192 page
background image
Mouse and Keyboard Controller (KBC) (Logical Devices 5 and 6)
162
www.national.com
8.4.2
General Purpose I/O Signals
The P12, P20 and P21 general purpose I/O signals inter-
face to two I/O ports (port1 and port2). P12 is mapped to
port 1 and P20 and P21 are mapped to port 2.
P12 does not exist in the default configuration of Two-UART
mode see “Wake Up Options” on page 19. In this mode,
P12 input is connected implicitly to the port output. It may be
optionally select on either IRRX or MTR1, in which case it is
open drain and not quasi-bidirectional as described below.
P12 is driven by quasi-bidirectional drivers. (See FIGURE
FIGURE 8-6 "Quasi-Bidirectional Driver".) These signals
are called quasi-bidirectional because the output buffer
cannot be turned off (even when the I/O signal is used for
input).
During output, a 1 written to output is strongly pulled up for
the duration of a (short) write pulse, and thereafter main-
tained by a high impedance “weak” active pull-up (imple-
mented by a degenerated transistor employed as a
switchable pull-up resistor). A series resistor to those port
lines used for input is recommended to limit the surge cur-
rent during the strong pull-up. See FIGURE FIGURE 8-7
"Current Limiting Resistor".
If a 1 is asserted, an externally applied signal may pull down
the output. Therefore, input from this quasi-bidirectional cir-
cuit can be correctly read if preceded by a 1 written to output.
P20 and P21 are driven by open-drain drivers.
When the KBC is reset, all port data bits are initialized to 1.
FIGURE 8-6. Quasi-Bidirectional Driver
FIGURE 8-7. Current Limiting Resistor
MR
Port
Write
Internal Bus
PORT
F/F
ORL, ANL
+VCC
PAD
IN
Q1
Q2
Q3
D
P
Q
Q
PC87309
Port Pin
Port Pin
R
R
R: current limiting resistor
A small-value series current limiting
resistor is recommended when
port pins are used for input.
100
500
Ω
–
100
500
Ω
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com