Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 147 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 147 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 143Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 144Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 145Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 146Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 147Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 148Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 149Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 150Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 151Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 192 page
background image
Enhanced Serial Port - UART1 (Logical Device 3)
147
www.national.com
TABLE 6-9. Bank 1 Register Set
In addition, a fallback mechanism maintains this compatibil-
ity by forcing the UART to revert to 16550 mode if 16550
software addresses the module after a different mode was
set. Since setting the baud rate divisor values is a neces-
sary initialization of the 16550, setting the divisor values in
bank 1 forces the UART to enter 16550 mode. (This is
called fallback.)
To enable other modes to program their desired baud rates
without activating this fallback mechanism, the baud rate di-
visor register in bank 2 should be used.
6.6.1
Legacy Baud Generator Divisor Ports (LBGD(L)
and LBGD(H)),
The programmable baud rates in the Non-Extended mode
are achieved by dividing a 24 MHz clock by a prescale value
of 13, 1.625 or 1. This prescale value is selected by the
PRESL field of EXCR2 (see page 149). This clock is subdi-
vided by the two baud rate generator divisor buffers, which
output a clock at 16 times the desired baud rate (this clock is
the BOUT clock). This clock is used by I/O circuitry, and after
a last division by 16 produces the output baud rate.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden). The baud rate generator divisor must be loaded
during initialization to ensure proper operation of the baud
rate generator. Upon loading either part of it, the baud rate
generator counter is immediately loaded. Table 6-12 on
page 148 shows typical baud divisors. After reset the divisor
register contents are indeterminate.
Any access to the LBGD(L) or LBGD(H) ports causes a re-
set to the default Non-Extended mode, i.e., 16550 mode
(See “AUTOMATIC FALLBACK TO A NON-EXTENDED
UART MODE” on page 138).To access a Baud Generator
Divisor when in the Extended mode, use the port pair in
bank 2 (BGD on page 148).
Table 6-10 shows the bits which are cleared when Fallback
occurs during Extended or Non-Extended modes.
If the UART is in Non-Extended mode and the LOCK bit is
1, the content of the divisor (BGD) ports will not be affected
and no other action is taken.
When programming the baud rate, the new divisor is loaded
upon writing into LBGD(L) and LBGD(H). After reset, the
contents of these registers are indeterminate.
Divisor values between 1 and 216-1 can be used. (Zero is
forbidden.) Table 6-12 shows typical baud rate divisors.
TABLE 6-10. Bits Cleared On Fallback
.
.
6.6.2
Line Control Register (LCR) and Bank Select
Register (BSR)
These registers are the same as the registers at offset 03h
in bank 0.
Offset
Register
Name
Description
00h
LBGD(L)
Legacy Baud Generator
Divisor Port (Low Byte)
01h
LBGD(H)
Legacy Baud Generator
Divisor Port (High Byte)
02h
Reserved
03h
LCR/
BSR
Line Control /
Bank Select Register
04h - 07h
Reserved
Register
UART Mode & LOCK bit before Fallback
Extended
Mode
LOCK = x
Non-Extended
Mode
LOCK = 0
Non-Extended
Mode
LOCK = 1
MCR
2 to 7
none
none
EXCR1
0, 5 and 7
5 and 7
none
EXCR2
0 to 5
0 to 5
none
76543210
Reset
Required
Low Byte port
(LBGD(L))
Bank 1,
Least Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 00h
76543210
Reset
Required
High Byte port
(LBGD(H))
Bank 1,
Most Significant Byte
Legacy Baud Generator Divisor
of Baud Generator
Offset 01h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com