Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 185 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 185 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 181Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 182Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 183Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 184Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 185Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 186Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 187Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 188Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 189Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 192 page
background image
Device Specifications
185
www.national.com
10.3.17 Standard Parallel Port Timing
Compatible Mode
Extended Mode
Typical Data Exchange
Symbol Parameter
Conditions
Typ
Max
Unit
tPDH
Port Data Hold
These times are system dependent and are
therefore not tested.
500
nsec
tPDS
Port Data Setup
These times are system dependent and are
therefore not tested.
500
nsec
tPILa
Port Active Low Interrupt, Active
33
nsec
tPILia
Port Active Low Interrupt, Inactive
33
nsec
tPIHa
Port Active High Interrupt, Active
33
nsec
tPIHia
Port Active High Interrupt, Inactive
33
nsec
tPIz
Port Active High Interrupt, TRISTATE
33
nsec
tSW
Strobe Width
These times are system dependent and are
therefore not tested.
500
nsec
tPILa
tPILia
ACK
IRQ
tPIHa
tPIHia
tPIHa
tPIz
ACK
IRQ
RD STR
WR CTR4 = 0
(TRI-STATE)
tPDS
tPDH
tSW
BUSY
ACK
PD7-0
STB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com