Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 189 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 189 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 184Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 185Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 186Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 187Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 188Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 189Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 190Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 191Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 192Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 189 / 192 page
background image
Glossary
189
www.national.com
Glossary
ADDR
Address Register of the Parallel Port in EPP
modes.
AFIFO
Address FIFO for the Parallel Port in Extended Ca-
pabilities Port (ECP) mode 011.
ASCR
Auxiliary Status and Control Register for the
UART2 in Extended operation modes.
ASK-IR
Amplitude Shift Keying Infrared.
BGD(H) and BGD(L)
Baud rate Generator Divisor buffer (High and Low
bytes) for the UARTs.
BSR
Bank Selection Register for the UARTs, when en-
abled, i.e., when bit 7 of this register is 1.
CCR
Configuration Control Register of the Floppy Disk
Controller (FDC) for write operations.
CFIFO
Parallel port data FIFO in Extended Capabilities
Port (ECP) mode 010.
CNFGA and CNFGB
Configuration registers A and B for the Parallel Port
in Extended Capabilities Port (ECP) mode 111.
Confg0
See PP Confg0.
Consumer Remote Control Mode
This IR mode supports all four protocols currently
used in remote-controlled home entertainment
equipment. Also called TV-Remote mode.
Control0, Control2 and Control4
Internal configuration registers of the Parallel Port
in Extended Capabilities Port (ECP) modes.
CSN
Card Select Number register - an 8-bit register with
a unique value that identifies an ISA card when us-
ing PnP protocol.
CTR
Control Register of the Parallel Port in SPP modes.
DASK-IR
Digital Amplitude Shift Keying Infrared.
DATA0, DATA1, DATA2 and DATA3
Data Registers of the Parallel Port in EPP modes.
DATAR
Data Register for the Parallel Port in Extended Ca-
pability Port (ECP) modes 000 and 001.
DCR
Data Control Register for the Parallel Port in Ex-
tended Capabilities Port (ECP) modes.
Device
Any circuit that performs a specific function, such
as a Parallel Port.
DFIFO
ECP Data FIFO in Extended Capabilities Port
(ECP) mode 011.
DID
Device ID register for the UARTs.
DIR
Digital Input Register of the Floppy Disk Controller
(FDC) for read operations.
DOR
Digital Output Register of the Floppy Disk Control-
ler (FDC).
DSR
Two expressions:
1. Data rate Select Register of the Floppy Disk Con-
troller (FDC) for write operations.
2. The Data Status Register of the Parallel Port in Ex-
tended Capabilities Port (ECP) modes.
DTR
Data Register of the Parallel Port in SPP or EPP
modes.
EAR
Extended Auxiliary Register of the Parallel Port in
Extended Capabilities Port (ECP) modes.
ECP
Extended Capabilities Port.
ECR
Extended Control Register for the Parallel Port in
Extended Capabilities Port (ECP) modes.
EDR
Extended Data Register for the Parallel Port in ex-
tended Capabilities Port (ECP) modes.
EIR
Two expressions:
1. Extended Index Register of the Parallel Port Ex-
tended Capabilities Port (ECP) modes.
2. Event Identification Register for the UARTs for read
cycles.
Extended UART Operation Mode
This UART operation mode supports standard
16450 and 16550A UART operations plus addition-
al interrupts and DMA features.
EPP
Enhanced Parallel Port.
EXCR1 and EXCR2
Extended Control Registers 1 and 2 for the UARTs.
FCR
The FIFO Control Register for the UARTs.
FDC
Floppy Disk Controller.
FDD
Floppy Disk Drive.
FER1 and FER2
Function Enable Registers of the Power Manage-
ment.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com