Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87309VLJ Datasheet(PDF) 190 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87309VLJ
Description  PC87309 SuperI/O Plug and Play Compatible Chip in Compact 100-Pin VLJ Packaging
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87309VLJ Datasheet(HTML) 190 Page - National Semiconductor (TI)

Back Button PC87309VLJ Datasheet HTML 184Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 185Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 186Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 187Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 188Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 189Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 190Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 191Page - National Semiconductor (TI) PC87309VLJ Datasheet HTML 192Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 190 / 192 page
background image
190
Glossary
www.national.com
Full-IR mode
In this mode, the PC87309 decodes address lines
A0-A10, and UART2 is a fully featured UART with
IR. The mode is configured during reset, via CFG0
strap pin.
IER
The Interrupt Enable Register for the UARTs.
IR
Infrared.
IRCFG1, IRCFG3 and IRCFG4
Infrared module Configuration registers for UART2.
IRCR1, IRCR2 and IRCR3
Infrared Module Control Registers 1, 2 and 3 for
UART2.
IrDA
Infrared Data Association.
IRRXDC
Infrared Receiver Demodulator Control register for
the UART2. (Logical Device 2, bank 7, offset 00h.)
IRTXMC
Infrared Transmitter Modulator Control register for
UART2.
LBGD(H) and LBGD(L)
Legacy Baud rate Generator Divisor port (High and
Low bytes) for the UARTs.
LCR
Link Control Register for the UARTs.
Legacy
Usually refers to older devices or systems that are
not Plug and Play compatible.
Legacy Mode
In this mode, the interrupts and the base addresses
of the FDC, UARTs, KBC and the Parallel Port of
the PC87309 are configured as in earlier SuperI/O
chips.
LFSR
The Linear Feedback Shift Register. This register is
used to prepare the chip for operation in Plug and
Play (PnP) mode.
LSR
Link Status Register for the UARTs.
MCR
Modem Control Register for the UARTs.
MSR
Two expressions:
1. Main Status Register of the FDC.
2. Modem Status Register for the UARTs.
Non-Extended UART Operation Modes
These UART operation modes support only UART
operations that are standard for 15450 or 16550A
devices.
PIO
Programmable Input/Output.
P_MDR
Pipeline Mode Register for the UARTs.
Plug and Play
A design philosophy and a set of specifications that
describe hardware and software changes to the PC
and its peripherals that automatically identify and
arbitrate resource requirements among all devices
and buses on the system. Plug and Play is abbrevi-
ated as PnP.
PM
Power Management.
PME
Power Management Event.
PMC1, PMC2 and PMC3
Power Management Control registers.
PnP
Plug and Play.
PnP Mode
In this mode, the interrupts, the DMA channels and
the base address of the FDC, UARTs, KBC, GPIO
and the Parallel Port of the PC87309 are fully Plug
and Play.
PP Confg0
Internal configuration register of the Parallel Port in
Extended Capabilities Port (ECP) modes.
Precompensation
Also called write precompensation, is a way of pre-
conditioning the
WDATA output signal to adjust for
the effects of bit shift on the data as it is written to
the disk surface.
RBR
Receiver Buffer Register for the UARTs read opera-
tions.
RCCFG
Consumer Remote Control Configuration register
for UART2.
RLC
Run Length Count byte for parallel ports.
RLE
Run Length Expander for parallel ports.
RXFLV
Reception FIFO Level for the UARTs.
SCI
System Control Interrupt.
SCR
Scratch Register for the UARTs.
SH_FCR
Shadow of the FIFO Control Register (FCR) for the
UARTs.
SH_LCR
Shadow of the Line Control Register (LCR) for the
UARTs for read operations.
Sharp IR Mode
In this mode, the PC87309 supports a Sharp Infra-
red interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com