Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  PC87360 Datasheet HTML 1Page - National Semiconductor (TI) PC87360 Datasheet HTML 2Page - National Semiconductor (TI) PC87360 Datasheet HTML 3Page - National Semiconductor (TI) PC87360 Datasheet HTML 4Page - National Semiconductor (TI) PC87360 Datasheet HTML 5Page - National Semiconductor (TI) PC87360 Datasheet HTML 6Page - National Semiconductor (TI) PC87360 Datasheet HTML 7Page - National Semiconductor (TI) PC87360 Datasheet HTML 8Page - National Semiconductor (TI) PC87360 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 168 page
background image
3
Features (Continued)
www.national.com
— Can be customized by using the PC87323, which in-
cludes a RAM-based KBC as a development plat-
form for KBC code
• ACCESS.bus Interface (ACB)
— Serial interface compatible with SMbus physical layer
— Compatible with Philips’ I2C®
— ACB master and slave
— Supports polling and interrupt controlled operation
— Optional internal pull-up on SDA and SCL pins
• WATCHDOG Timer
— Times out the system based on user-programmable
time-out period
— System power-down capability for power saving
— User-defined trigger events to restart WATCHDOG
— Optional routing of WATCHDOG output on IRQ
and/or SMI lines
• System Wake-Up Control (SWC)
— Power-up request upon detection of Keyboard,
Mouse, RI1, RI2, RING activity and General-Pur-
pose Input Events, as follows:
t
Preprogrammed Keyboard or Mouse sequence
t
External modem ring on serial port
t
Ring pulse or pulse train on the RING input signal
t
Preprogrammed CEIR address in a preselected
standard (NEC, RCA or RC-5)
t
General-Purpose Input Events
t
IRQs of internal logical devices
— Optional routing of power-up request on IRQ and/or
SMI lines
— Battery-backed event configuration
— Programmable VSB-powered output for blinking
LEDs (LED1, LED2) control
• Clock Sources
— 48 MHz clock input
— LPC clock, up to 33 MHz
— On-chip low frequency clock generator for wake-up
• Power Supplies
— 3.3V supply operation
— Main (VDD)
— Standby (VSB)
— Battery backup (VBAT)
— All pins are 5V tolerant and back-drive protected, ex-
cept LPC bus pins
• Strap Configuration
— Base Address (BADDR) strap to determine the base
address of the Index-Data register pair
— Test strap to force the device into test mode (re-
served for National Semiconductor use)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com