Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 23 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 23 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 19Page - National Semiconductor (TI) PC87360 Datasheet HTML 20Page - National Semiconductor (TI) PC87360 Datasheet HTML 21Page - National Semiconductor (TI) PC87360 Datasheet HTML 22Page - National Semiconductor (TI) PC87360 Datasheet HTML 23Page - National Semiconductor (TI) PC87360 Datasheet HTML 24Page - National Semiconductor (TI) PC87360 Datasheet HTML 25Page - National Semiconductor (TI) PC87360 Datasheet HTML 26Page - National Semiconductor (TI) PC87360 Datasheet HTML 27Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 168 page
background image
1.0 Signal/Pin Connection and Description (Continued)
23
www.national.com
1.4.10
Power and Ground
INIT
89
O
OD14,O14/14
VDD
Initialize. When low, initializes the printer. This signal is in
TRI-STATE after a 1 is loaded into the corresponding control
register bit. Use an external 4.7 K
Ω pull-up resistor.
PD7-5
PD4-3,
PD2, PD1
PD0
80-82
85-86
88, 90
92
I/O
INT/
OD14,O14/14
VDD
Parallel Port Data. Transfer data to and from the peripheral
data bus and the appropriate Parallel Port data register. These
signals have a high current drive capability.
PE
77
I
INT
VDD
Paper End. Set high by the printer when it is out of paper. This
pin has an internal weak pull-up or pull-down resistor.
SLCT
76
I
INT
VDD
Select. Set active high by the printer when the printer is
selected.
SLIN_ASTRB 87
O
OD14,O14/14
VDD
SLIN - Select Input. When low, selects the printer. This signal
is in TRI-STATE after a 0 is loaded into the corresponding
control register bit. Uses an external 4.7 K
Ω pull-up resistor.
ASTRB - Address Strobe (EPP). Active low, used in EPP
mode to denote an address or data cycle. When the cycle is
aborted, ASTRB becomes inactive (high).
STB_WRITE 94
O
OD14,O14/14
VDD
STB - Data Strobe. When low, Indicates to the printer that
valid data is available at the printer port. This signal is in TRI-
STATE after a 0 is loaded into the corresponding control
register bit. An external 4.7 K
Ω pull-up resistor should be
employed.
WRITE - Write Strobe. Active low, used in EPP mode to
denote an address or data cycle. When the cycle is aborted,
WRITE becomes inactive (high).
Signal
Pin/s
I/O
Buffer Type Power Well
Description
VBAT
30
I
INULR
-
Battery Power Supply. Provides battery back-up to the System
Wake-Up Control registers, when VSB is lost (power-fail). The
pin is connected to the internal logic through a series resistor
for UL protection.
VDD
20, 52,
83, 115
I
PWR
-
Main 3.3V Power Supply
VSB
31
I
PWR
-
Standby 3.3V Power Supply. Provides power to the Wake-Up
Control circuitry, while the main power supply is turned off.
VSS
19, 51,
84, 116
I
GND
-
Ground
Signal
Pin/s
I/O
Buffer Type Power Well
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com