Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 80 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 80 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 76Page - National Semiconductor (TI) PC87360 Datasheet HTML 77Page - National Semiconductor (TI) PC87360 Datasheet HTML 78Page - National Semiconductor (TI) PC87360 Datasheet HTML 79Page - National Semiconductor (TI) PC87360 Datasheet HTML 80Page - National Semiconductor (TI) PC87360 Datasheet HTML 81Page - National Semiconductor (TI) PC87360 Datasheet HTML 82Page - National Semiconductor (TI) PC87360 Datasheet HTML 83Page - National Semiconductor (TI) PC87360 Datasheet HTML 84Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
80
www.national.com
3.4.4
Wake-Up Events Enable Register (WK_EN0)
This register is set to 00h on power-up of VPP or software reset. Detected wake-up events that are enabled activate the
PWUREQ signal.
Location:
Offset 02h
Type:
R/W
Bit
76543210
Name
Module IRQ
Event
Enable
Software
Event
Enable
GPIO Event
Enable
CEIR
Event
Enable
Mouse
Event
Enable
KBD
Event
Enable
RI2
Event
Enable
RI1
Event
Enable
Reset
00000000
Bit
Description
7
Module IRQ Event Enable
0: Disabled (default)
1: Enabled
6
Software Event Enable
0: Disabled (default)
1: Enabled
5
GPIO Event Enable
0: Disabled (default)
1: Enabled
4
CEIR Event Enable
0: Disabled (default)
1: Enabled
3
Mouse Event Enable
0: Disabled (default)
1: Enabled
2
KBD Event Enable
0: Disabled (default)
1: Enabled
1
RI2 Event Enable
0: Disabled (default)
1: Enabled
0
RI1 Event Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com