Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 95 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 95 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 91Page - National Semiconductor (TI) PC87360 Datasheet HTML 92Page - National Semiconductor (TI) PC87360 Datasheet HTML 93Page - National Semiconductor (TI) PC87360 Datasheet HTML 94Page - National Semiconductor (TI) PC87360 Datasheet HTML 95Page - National Semiconductor (TI) PC87360 Datasheet HTML 96Page - National Semiconductor (TI) PC87360 Datasheet HTML 97Page - National Semiconductor (TI) PC87360 Datasheet HTML 98Page - National Semiconductor (TI) PC87360 Datasheet HTML 99Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
95
www.national.com
3.4.21
CEIR Wake-Up Address Register (IRWAD)
This register holds the unique address to be compared with the address contained in the incoming CEIR message. If CEIR
is enabled (bit 0 of the IRWCR register is 1) and an address match occurs, then bit 5 of the WK0_STS register is set to 1
(see Section 3.4.2).
This register is set to 00h on power-up of VPP or software reset.
Location:
Bank 1, Offset 15h
Type:
R/W
3.4.22
CEIR Wake-Up Address Mask Register (IRWAM)
Each bit in this register determines whether the corresponding bit in the IRWAD register is enabled in the address compar-
ison. Bits 5, 6 and 7 must be set to 1 if the RC-5 protocol is selected.
This register is set to E0h on power-up of VPP or software reset.
Location:
Bank 1, Offset 16h
Type:
R/W
Bit
76543210
Name
CEIR Wake-Up Address
Reset
00000000
Bit
76543210
Name
CEIR Wake-Up Address Mask
Reset
11100000
Bit
Description
7-0
CEIR Wake-Up Address Mask. If the corresponding bit is 0, the address bit is not masked (enabled for
compare). If the corresponding bit is 1, the address bit is masked (ignored during compare).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com