Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 97 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 97 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 93Page - National Semiconductor (TI) PC87360 Datasheet HTML 94Page - National Semiconductor (TI) PC87360 Datasheet HTML 95Page - National Semiconductor (TI) PC87360 Datasheet HTML 96Page - National Semiconductor (TI) PC87360 Datasheet HTML 97Page - National Semiconductor (TI) PC87360 Datasheet HTML 98Page - National Semiconductor (TI) PC87360 Datasheet HTML 99Page - National Semiconductor (TI) PC87360 Datasheet HTML 100Page - National Semiconductor (TI) PC87360 Datasheet HTML 101Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
97
www.national.com
3.4.25
CEIR Wake-Up Range 1 Registers
These registers define the low and high limits of time range 1. The values are represented in units of 0.1 msec.
For the RC-5 protocol, the pulse width defining a half-bit cell must fall within this range in order for the cell to be considered valid.
The nominal pulse width is 0.889 for a 38 KHz carrier. IRWTR1L and IRWTR1H should be set to 07h and 0Bh respectively (de-
fault).
For the NEC protocol, the time between two consecutive CEIR pulses that encodes a bit value of 1 must fall within this range.
The nominal time for a 1 is 2.25 msec for a 36 KHz carrier. IRWTR1L and IRWTR1H should be set to 14h and 19h respectively.
IRWTR1L Register
This register is set to 07h on power-up of VPP or software reset.
Location:
Bank 1, Offset 1Ah
Type:
R/W
IRWTR1H Register
This register is set to 0Bh on power-up of VPP or software reset.
Location:
Bank 1, Offset 1Bh
Type:
R/W
3.4.26
CEIR Wake-Up Range 2 Registers
These registers define the low and high limits of time range 2. The values are represented in units of 0.1 msec. These reg-
isters are not used when the RC-5 protocol is selected.
For the NEC protocol, the header pulse width must fall within this range in order for the header to be considered valid. The
nominal value is 9 msec for a 38 KHz carrier. IRWTR2L and IRWTR2H should be set to 50h and 64h respectively (default).
IRWTR2L Register
This register is set to 50h on power-up of Vpp or software reset.
Location:
Bank 1, Offset 1Ch
Type:
R/W
IRWTR2H Register
This register is set to 64h on power-up of Vpp or software reset.
Location:
Bank 1, Offset 1Dh
Type:
R/W
Bit
76543210
Name
Reserved
CEIR Pulse Change, Range 1, Low Limit
Reset
00000111
Bit
76543210
Name
Reserved
CEIR Pulse Change, Range 1, High Limit
Reset
00001011
Bit
76543210
Name
CEIR Pulse Change, Range 2, Low Limit
Reset
01010000
Bit
76543210
Name
CEIR Pulse Change, Range 2, High Limit
Reset
01100100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com