Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 76 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 76 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 72Page - National Semiconductor (TI) PC87360 Datasheet HTML 73Page - National Semiconductor (TI) PC87360 Datasheet HTML 74Page - National Semiconductor (TI) PC87360 Datasheet HTML 75Page - National Semiconductor (TI) PC87360 Datasheet HTML 76Page - National Semiconductor (TI) PC87360 Datasheet HTML 77Page - National Semiconductor (TI) PC87360 Datasheet HTML 78Page - National Semiconductor (TI) PC87360 Datasheet HTML 79Page - National Semiconductor (TI) PC87360 Datasheet HTML 80Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
76
www.national.com
3.4
SWC REGISTERS
The SWC registers are organized in four banks, all of which are battery-backed. The offsets are related to a base address
that is determined by the SWC Base Address register in the device configuration registers. The lower 19 offsets are common
to the four banks, while the upper offsets (13-1fh) are divided as follows:
q
Bank 0 holds the Keyboard/Mouse Control registers.
q
Bank 1 holds the CEIR Control registers.
q
Bank 2 holds the Event Routing Configuration and Wake-Up Extension Control registers.
q
Bank 3 holds the Standby General-Purpose I/O (GPIO) Pins Configuration registers.
The active bank is selected through the Configuration Bank Select field (bits 1-0) in the Wake-Up Configuration register
(WK_CFG). See Section 3.4.6.
As a programming aid, the registers are described in this chapter according to the following functional groupings:
q
General status, enable, configuration and routing registers
q
Extension enable registers
q
PS/2 event configuration registers
q
CEIR event configuration registers
q
Standby GPIO configuration and control registers
The following abbreviations are used to indicate the Register Type:
q
R/W = Read/Write
q
R = Read from a specific address returns the value of a specific register. Write to the same address is to a different
register.
q
W=Write
q
RO = Read Only
q
R/W1C = Read/Write 1 to Clear. Writing 1 to a bit clears it to 0. Writing 0 has no effect.
3.4.1
SWC Register Map
The following tables list the SWC registers. For the SWC register bitmap, see Section 3.5.
Table 33. Banks 0, 1, 2 and 3 - The Common Control and Status Register Map
Table 34. Bank 0 - PS/2 Keyboard/Mouse Wake-Up Configuration and Control Register Map
Offset
Mnemonic
Register Name
Type
Section
00h
WK_STS0
Wake-Up Events Status 0
R/W1C
3.4.2
01h
WK_STS1
Wake-Up Events Status 1
R/W1C
3.4.3
02h
WK_EN0
Wake-Up Enable 0
R/W
3.4.4
03h
WK_EN1
Wake-Up Enable 1
R/W
3.4.5
04h
WK_CFG
Wake-Up Configuration
R/W
3.4.6
05h-07h
Reserved
08h
SB_GPDO0
Standby GPIOE/GPIE Data Out 0
R/W
3.4.31
09h
SB_GPDI0
Standby GPIOE/GPIE Data In 0
RO
3.4.32
0Ah-12h
Reserved
Offset
Mnemonic
Register Name
Type
Section
13h
PS2CTL
PS/2 Protocol Control
R/W
3.4.16
14h-15h
Reserved
16h
KDSR
Keyboard Data Shift
RO
3.4.17
17h
MDSR
Mouse Data Shift
RO
3.4.18
08h-1Fh
PS2KEY0-PS2KEY7 PS/2 Keyboard Key Data
R/W
3.4.19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com