Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 77 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 77 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 73Page - National Semiconductor (TI) PC87360 Datasheet HTML 74Page - National Semiconductor (TI) PC87360 Datasheet HTML 75Page - National Semiconductor (TI) PC87360 Datasheet HTML 76Page - National Semiconductor (TI) PC87360 Datasheet HTML 77Page - National Semiconductor (TI) PC87360 Datasheet HTML 78Page - National Semiconductor (TI) PC87360 Datasheet HTML 79Page - National Semiconductor (TI) PC87360 Datasheet HTML 80Page - National Semiconductor (TI) PC87360 Datasheet HTML 81Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
77
www.national.com
Table 35. Bank 1 - CEIR Wake-Up Configuration and Control Register Map
Table 36. Bank 2 - Event Routing Configuration Register Map
Table 37. Bank 3 - Standby GPIO Pin Configuration Register Map
Offset
Mnemonic
Register Name
Type
Section
13h
IRWCR
CEIR Wake-Up Control
R/W
3.4.20
14h
Reserved
15h
IRWAD
CEIR Wake-Up Address
R/W
3.4.21
16h
IRWAM
CEIR Wake-Up Address Mask
R/W
3.4.22
17h
ADSR
CEIR Address Shift
R/O
3.4.23
18h
IRWTR0L
CEIR Wake-Up, Range 0, Low Limit
R/W
3.4.24
19h
IRWTR0H
CEIR Wake-Up, Range 0, High Limit
R/W
3.4.24
1Ah
IRWTR1L
CEIR Wake-Up, Range 1, Low Limit
R/W
3.4.25
1Bh
IRWTR1H
CEIR Wake-Up, Range 1, High Limit
R/W
3.4.25
1Ch
IRWTR2L
CEIR Wake-Up, Range 2, Low Limit
R/W
3.4.26
1Dh
IRWTR2H
CEIR Wake-Up, Range 2, High Limit
R/W
3.4.26
1Eh
IRWTR3L
CEIR Wake-Up, Range 3, Low Limit
R/W
3.4.27
1Fh
IRWTR3H
CEIR Wake-Up, Range 3, High Limit
R/W
3.4.27
Offset
Mnemonic
Register Name
Type
Section
13h
WK_SMIEN0
Wake-Up SMI Enable 0
R/W
3.4.7
14h
WK_SMIEN1
Wake-Up SMI Enable 1
R/W
3.4.8
15h
WK_IRQEN0
Wake-Up Interrupt Request Enable 0
R/W
3.4.9
16h
WK_IRQEN1
Wake-Up Interrupt Request Enable 1
R/W
3.4.10
17h
WK_X1EN0
Wake-Up Extension 1 Enable 0
R/W
3.4.11
18h
WK_X1EN1
Wake-Up Extension 1 Enable 1
R/W
3.4.12
19h
WK_X2EN0
Wake-Up Extension 2 Enable 0
R/W
3.4.13
1Ah
WK_X2EN1
Wake-Up Extension 2 Enable 1
R/W
3.4.14
1Bh-1Fh
Reserved
Offset
Mnemonic
Register Name
Type
Section
13h
SBGPSEL
Standby GPIO Pin Select
R/W
3.4.29
14h
SBGPCFG
Standby GPIO Pin Configuration
R/W
3.4.30
15h-1Fh
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com