Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 83 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 83 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 79Page - National Semiconductor (TI) PC87360 Datasheet HTML 80Page - National Semiconductor (TI) PC87360 Datasheet HTML 81Page - National Semiconductor (TI) PC87360 Datasheet HTML 82Page - National Semiconductor (TI) PC87360 Datasheet HTML 83Page - National Semiconductor (TI) PC87360 Datasheet HTML 84Page - National Semiconductor (TI) PC87360 Datasheet HTML 85Page - National Semiconductor (TI) PC87360 Datasheet HTML 86Page - National Semiconductor (TI) PC87360 Datasheet HTML 87Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 168 page
background image
3.0 System Wake-Up Control (SWC) (Continued)
83
www.national.com
3.4.7
Wake-Up Events Routing to SMI Enable Register 0 (WK_SMIEN0)
This register is set to 00h on power-up of VPP or software reset. It controls the routing of detected wake-up events to the
SMI signal. Detected wake-up events that are enabled activate the SMI signal regardless of the value of the WK_EN0 reg-
ister.
Location:
Bank 2, Offset 13h
Type:
R/W
Bit
76543210
Name
Reserved
Software
Event to
SMI Enable
Reserved
CEIR
Event to
SMI Enable
Mouse
Event to
SMI Enable
KBD
Event to
SMI Enable
RI2
Event to
SMI Enable
RI1
Event to
SMI Enable
Reset
00000000
Bit
Description
7
Reserved
6
Software Event to SMI Enable
0: Disabled (default)
1: Enabled
5
Reserved
4
CEIR Event to SMI Enable
0: Disabled (default)
1: Enabled
3
Mouse Event to SMI Enable
0: Disabled (default)
1: Enabled
2
KBD Event to SMI Enable
0: Disabled (default)
1: Enabled
1
RI2 Event to SMI Enable
0: Disabled (default)
1: Enabled
0
RI1 Event to SMI Enable
0: Disabled (default)
1: Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com