Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 17Page - National Semiconductor (TI) PC87360 Datasheet HTML 18Page - National Semiconductor (TI) PC87360 Datasheet HTML 19Page - National Semiconductor (TI) PC87360 Datasheet HTML 20Page - National Semiconductor (TI) PC87360 Datasheet HTML 21Page - National Semiconductor (TI) PC87360 Datasheet HTML 22Page - National Semiconductor (TI) PC87360 Datasheet HTML 23Page - National Semiconductor (TI) PC87360 Datasheet HTML 24Page - National Semiconductor (TI) PC87360 Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 168 page
background image
1.0 Signal/Pin Connection and Description (Continued)
21
www.national.com
1.4.6
General-Purpose Input/Output (GPIO) Ports
1.4.7
Infrared (IR)
Signal
Pin/s
I/O Buffer Type Power Well
Description
GPIO00-07 2-9
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 0, bits 0-7. Each pin is configured in-
dependently as input or I/O, with or without static pull-up, and with
either open-drain or push-pull output type. The port support inter-
rupt assertion and each pin can be enabled or masked as an inter-
rupt source.
GPIO10
GPIO11-14
GPO15
GPIO16-17
21
53-56
57
69, 71
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 1, bits 0-7. Same as Port 0. Bit 5 is
output only with low output as default.
GPIO20-27 117-124 I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 2, bits 0-7. Similar to port 0, but
without the interrupt assertion capability.
GPIO30-33
GPIO34
125-128
1
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 3, bits 0-4. Similar to port 0, but
without the interrupt assertion capability. Bits 5, 6 and 7 are not
implemented.
GPIO40-47 43-50
I/O
INTS/
OD6,O3/6
VDD
General-Purpose I/O Port 4, bits 0-7. Same as Port 0.
Signal
Pin/s
I/O Buffer Type Power Well
Description
IRRX1
59
I
INTS
VDD,VSB
IR Receive 1. Primary input to receive serial data from the IR
transceiver. Monitored during power-off for wake-up event
detection.
IRRX2_IRSL0 58
I/O
INTS/O3/6
VDD,VSB IRRX2 - IR Receive 2. Auxiliary IR receiver input to support a
second transceiver. Monitored during power-off for wake-up event
detection.
IRSL3-0 IR Select. Output are used to control the IR transceivers.
Input for PnP identification of plug-in IR transceiver (dongle).
After reset, the dual-function IRSLX pins wake up in input mode.
After the ID is read by the IR driver, they may be put into output
mode. The output mode is controlled by Serial Port 2.
IRSL1
127
I/O
INT/O3/6
VDD
IRSL2
69
I/O
INT/O3/6
VDD
IRSL3
71
I
INT
VDD
IRTX
57
O
O6/12
VDD
IR Transmit. IR serial output data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com