Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 9Page - National Semiconductor (TI) PC87360 Datasheet HTML 10Page - National Semiconductor (TI) PC87360 Datasheet HTML 11Page - National Semiconductor (TI) PC87360 Datasheet HTML 12Page - National Semiconductor (TI) PC87360 Datasheet HTML 13Page - National Semiconductor (TI) PC87360 Datasheet HTML 14Page - National Semiconductor (TI) PC87360 Datasheet HTML 15Page - National Semiconductor (TI) PC87360 Datasheet HTML 16Page - National Semiconductor (TI) PC87360 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 168 page
background image
1.0 Signal/Pin Connection and Description (Continued)
13
www.national.com
1.2
BUFFER TYPES AND SIGNAL/PIN DIRECTORY
Table 2 is an alphabetical list of all signals, cross-referenced to additional information for detailed functional descriptions,
electrical DC characteristics, and pin multiplexing. The signal DC characteristics are denoted by a buffer type symbol, de-
scribed briefly below and in further detail in Section 10.2. The pin multiplexing information refers to two different types of
multiplexing:
q
MUX - Multiplexed, denoted by a slash (/) between pins in the diagram in Section 1.1. Pins are shared between two
different functions. Each function is associated with different board connectivity, and normally, the function selection
is determined by the board design and cannot be changed dynamically. The multiplexing options must be configured
by the BIOS upon power-up, in order to comply with the board implementation.
q
MM - Multiple Mode, denoted by an underscore (_) between pins in the diagram in Section 1.1. Pins have two or
more modes of operation within the same function. These modes are associated with the same external (board) con-
nectivity. Mode selection may be controlled by the device driver, through the registers of the functional block, and do
not require a special BIOS setup upon power-up. These pins are not considered multiplexed pins from the SuperI/O
configuration perspective. The mode selection method (registers and bits) as well as the signal specification in each
mode, are described within the functional description of the relevant functional block.
Table 2. SIgnal/Pin Directory
Table 1. Buffer Types
Symbol
Description
INC
Input, CMOS compatible
INPCI
Input, PCI 3.3V
INSM
Input, SMBus compatible
INSTRP
Input, Strap pin with weak pull-down during strap time
INT
Input, TTL compatible
INTS
Input, TTL compatible with Schmidt Trigger
INULR
Input, with serial UL Resistor
OPCI
Output, PCI 3.3V
Op/n
Output, push-pull buffer that is capable of sourcing
p mA and sinking n mA
ODn
Output, open-drain output buffer that is capable of sinking
n mA
PWR
Power pin
GND
Ground pin
Signal
Pin(s)
Functional Group
DC Characteristics
MUX
Name
Section
Buffer Type
Section
ACK
79
Parallel Port
1.4.9
INT
10.2.5
AFD_DSTRB
93
Parallel Port
1.4.9
OD14, O14/14
10.2.9, 10.2.8
MM
ASTRB
See SLIN_ASTRB
BADDR
101
Strap Configuration
1.4.13
INSTRP
10.2.4
MUX
BOUT1
See DTR1_BOUT1
BOUT2
See DTR2_BOUT2
BUSY_WAIT
78
Parallel Port
1.4.9
INT
10.2.5
MM
CLKIN
22
Clock
1.4.3
INT
10.2.5
CTS1
100
Serial Port 1
1.4.12
INTS
10.2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com