Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC87360 Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87360
Description  128-Pin LPC SuperI/O with Protection and Extensive GPIO Support
PDF  168 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87360 Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button PC87360 Datasheet HTML 13Page - National Semiconductor (TI) PC87360 Datasheet HTML 14Page - National Semiconductor (TI) PC87360 Datasheet HTML 15Page - National Semiconductor (TI) PC87360 Datasheet HTML 16Page - National Semiconductor (TI) PC87360 Datasheet HTML 17Page - National Semiconductor (TI) PC87360 Datasheet HTML 18Page - National Semiconductor (TI) PC87360 Datasheet HTML 19Page - National Semiconductor (TI) PC87360 Datasheet HTML 20Page - National Semiconductor (TI) PC87360 Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 168 page
background image
1.0 Signal/Pin Connection and Description (Continued)
17
www.national.com
1.3
PIN MULTIPLEXING
The multiplexing options and the associated setup configuration for all pins are described in Table 3. A multiplexing option
can be chosen on one pin only per group.
Table 3. Pin Multiplexing Configuration
Pin(s)
Default
Alternate
Signal
I/O
Configuration
Signal
I/O
Configuration
2
GPIO00
I/O SIOCF2, Bit 2 = 0
FANIN1
I
SIOCF2, Bit 2 = 1
3
GPIO01
I/O SIOCF2, Bit 3 = 0
FANOUT1
O
SIOCF2, Bit 3 = 1
4
GPIO02
I/O SIOCF2, Bit 4 = 0
FANIN0
I
SIOCF2, Bit 4 = 1
5
GPIO03
I/O SIOCF2, Bit 5 = 0
FANOUT0
O
SIOCF2, Bit 5 = 1
6
GPIO04
I/O SIOCF2, Bit 6 = 0
P12
I/O SIOCF2, Bit 6 = 1
7
GPIO05
I/O SIOCF2, Bit 7 = 0
P17
I/O SIOCF2, Bit 7 = 1
8
KBRST (P20)
SIOCF3, Bit 0 = 1
GPIO06
I/O SIOCF3, Bit 0 = 0
9
GA20 (P21)
SIOCF3, Bit 1 = 1
GPIO07
I/O SIOCF3, Bit 1 = 0
21
GPIO10
I/O SIOCF3, Bit 2 = 0
SMI
O
SIOCF3, Bit 2 = 1
25
GPIOE2
I/O SIOCFA, Bits 2-1 = 00
LED1
O
SIOCFA, Bits 2-1 = 01
26
GPIOE3
I/O SIOCFA, Bit 3 = 0
LED2
O
SIOCFA, Bit 3 =1
27
GPIOE4
I/O SIOCFA, Bits 5-4 = 00
RING
I
SIOCFA, Bits 5-4 = 01
53
GPIO11
I/O SIOCF3, Bit 4 = 0
XLOCK
I
SIOCF3, Bit 4 = 1
54
GPIO12
I/O SIOCF3, Bit 5 = 0
SCL
I/O SIOCF3, Bit 5 = 1
55
GPIO13
I/O SIOCF3, Bit 5 = 0
SDA
I/O SIOCF3, Bit 5 = 1
56
GPIO14
I/O SIOCF3, Bit 6 = 0
WDO
O
SIOCF3, Bit 6 = 1
57
GPO15
O
SIOCF3, Bit 7 = 0
IRTX
O
SIOCF3, Bit 7 = 1
58
GPIE6
I
SIOCFB, Bit 0 = 0
IRRX2_IRSL0
I/O SIOCFB, Bit 0 = 1
59
GPIE7
I
SIOCFB, Bit 1 = 0
IRRX1
I
SIOCFB, Bit 1 = 1
69
GPIO16
I/O SIOCF4, Bits 1-0 = 00
MTR1
O
SIOCF4, Bits 1-0 = 01
IRSL2
I/O SIOCF4, Bits 1-0 = 10
71
GPIO17
I/O SIOCF4, Bits 3-2 = 00
DR1
O
SIOCF4, Bits 3-2 = 01
IRSL3
I
SIOCF4, Bits 3-2 = 10
117
GPIO20
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ3
I
SIOCF4, Bits 4,P = X1
118
GPIO21
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ4
i
SIOCF4, Bits 4,P = X1
119
GPIO22
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ5
I
SIOCF4, Bits 4,P = X1
120
GPIO23
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ6
I
SIOCF4, Bits 4,P = X1
121
GPIO24
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ7
I
SIOCF4, Bits 4,P = X1
122
GPIO25
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ9
I
SIOCF4, Bits 4,P = X1
123
GPIO26
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ10
I
SIOCF4, Bits 4,P = X1
124
GPIO27
I/O SIOCF4, Bits 4,PNote 1. =00
PIRQ11
I
SIOCF4, Bits 4,P = X1
125
GPIO30
I/O SIOCF4, Bits 5,PNote 1. =00
PIRQ12
I
SIOCF4, Bits 5,P = X1
126
GPIO31
I/O SIOCF4, Bits 5,PNote 1. =00
PIRQ14
I
SIOCF4, Bits 5,P = X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com