Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 27 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 27 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 23Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 31Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 221 page
background image
27
www.national.com
DTR1
DTR2
71
63
69
61
O
Group 7
Data Terminal Ready signals 1 and 2. When low, these UART
output signals indicate to the appropriate modem or data transfer
device that the UART is ready to establish a communications link.
The DTR signal can be set to active low by programming bit 0
(DTR) of the Modem Control Register (MCR) to a high level. A
Master Reset (MR) operation sets this signal to its inactive (high)
state. Loop mode operation holds this signal to its inactive state.
DTR2 is multiplexed with A12
(and BOUT2 in PC97338 only).
ERR
79
77
I
Group 3
Error. This parallel port input signal is set low by the external printer
when it has detected an error.
This pin is internally connected to a nominal 25 K
Ω pull-up resistor.
ERR is multiplexed with HDSEL. See Table 72 for more information.
HDSEL
(Normal
Mode)
34
32
O
Group 10
Head Select. This FDC output signal determines which side of the
FDD is accessed. Active (low) selects side 1, inactive (high) selects
side 0.
(PPM
Mode)
79
77
O
Group 10
Head Select. This signal provides an additional head select signal in
PPM mode when PNF = 0. HDSEL is multiplexed with ERR. See
Table 72 for more information.
ID2
ID1
ID0
43 or
49
8
68
41 or
47
6
66
I
Group 1
Identification – These ID signals identify the infrared transceiver for Plug
and Play support. These pins are read after reset. These pins are available
only in PC97338.
ID2 is multiplexed with
MTR1, IDLE and IRSL2 or with DRV2, PNF,
DR23, SIRQI3 and IRSL2.
ID1 is multiplexed with IRSL1.
ID0 is multiplexed with
DSR2, IRQ12, IRRX2 and IRSL0.
IDLE
43
41
O
Group 10
Idle. This FDC output pin is used for an IDLE output signal when bit
4 of PMC is 1. It is used for MTR1 when bit 4 of PMC is 0. IDLE
indicates that the FDC is in the Idle state and can be powered
down. Whenever the FDC is in the Idle state, or whenever the FDC
is in a power-down state, the pin is active high.
IDLE is multiplexed with MTR1 and IRSL2.
INDEX
(Normal
Mode)
47
45
I
Group 4
Index. This input signal indicates the beginning of an FDD track.
(PPM
Mode)
94
92
I
Group 4
FDC Index. This signal provides an additional index signal in PPM
mode when PNF = 0.INDEX is multiplexed with PD0. See Table 72
for more information.
INIT
80
78
O
Group 11
Parallel Port Initialize. When this signal is low, it causes the printer
to be initialized. This signal is in a TRI-STATE condition 10 nsec
after a 1 is loaded into the corresponding Control Register bit. The
system should pull this pin high using a 4.7 K
Ω resistor.
INIT is multiplexed with DIR.
IOCHRDY
53
51
O
Group 13
I/O Channel Ready. This is the I/O Channel Ready open-drain
output signal. When IOCHRDY is driven low, the EPP extends the
host cycle.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com