Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 29 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 29 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 32Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 33Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 221 page
background image
29
www.national.com
IRRX1
IRRX2
67
68
65
66
I
Group 1
Infrared Received data signals 1 and 2. Infrared serial data input
signals. The infrared Analog Front End (AFE) is expected to send 1
to IRRX if there is no transmission. If it sends 0, the input signal
should be inverted by RXINV (bit 4 of register 7, in bank 7 of SCC2
- See Figure 88).
IRRX1 is multiplexed with SIN2.
IRRX2 is multiplexed with DSR2, IRQ12 and IRSL0.
IRSL0
IRSL1
IRSL2
68
8
43 or 49
66
6
41 or 47
O
Group 12
Infrared Control signals 0, 1 and 2. These signals control the
infrared Analog Front End (AFE).
IRSL0 is multiplexed with DSR2, IRQ12, IRRX2
(and ID0 in
PC97338).
IRSL1 is multiplexed with ID1 in PC97338.
IRSL2 is multiplexed with either DRV2, PNF, DR23, SIRQI3
(and
ID2 in PC97338), or with MTR1, IDLE (and ID2 in PC97338).
IRTX
65
63
O
Group 12
Infrared Transmitted data. Infrared serial data output.
IRTX is multiplexed with SOUT2, CFG0 (and BOUT2 in PC87338).
MR
2
100
I
Group 1
Master Reset. Active high input signal that resets the controller to the
idle state. The configuration registers are set to their selected default
values. See the reset status for each functional unit.
MSEN0
MSEN1
(Normal
Mode)
52
51
50
49
I
Group 4
Media Sense signals 0 and 1. MSEN0 is selected as a media
sense input signal when bit 1 of the FCR register is 0. MSEN1 is
selected as a media sense input signal when bits 7 and 6 of the
SIRQ2 register are 00.
Each pin is internally connected to a 10 K
Ω pull-up resistor. When
bit 1 of FCR is 1, pin 52 is used as a Data Rate 0 output pin, and
the pull-up resistor is disabled.
When DACK3, DRATE1, CS0 or SIRQI2 is selected on the pin,
MSEN1 is masked to 1.
MSEN0 is multiplexed with DRATE0.
MSEN1 is multiplexed with DACK3, CS0, SIRQI2 and DRATE1.
MSEN0
MSEN1
(PPM
Mode)
88
86
86
84
I
Group 4
Media Sense signals 0 and 1. These signals provide additional
media sense signals in PPM mode when PNF = 0.
MSEN0 and MSEN1 are multiplexed with PD5 and PD7,
respectively. See Table 72 for more information.
MTR0
MTR1
(Normal
Mode)
46
43
44
41
O
Group 10
FDC Motor Select signals 0 and 1. These motor enable lines for
drives 0 and 1 are controlled by bits 7 through 4 of the Digital
Output register. They are active low output signals. They are
encoded with information to control four FDDs (MTR0 exchanges
logical motor values with MTR1) according to the TDR register
settings.
Bit 4 of the FCR register is reserved.
MTR1 is multiplexed with IDLE and IRSL2.
MTR1
(PPM
Mode)
84
82
O
Group 10
FDC Motor Select 1. This signal provides an additional motor select
1 signal in PPM mode when PNF = 0. It is active low. This pin is the
motor enable line for drive 1 or drive 0, according to the TDR
register. Bit 4 of the FCR register is reserved.
MTR1 is multiplexed with BUSY and WAIT. See Table 72 for more
information.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com