Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 92 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 92 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 88Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 89Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 90Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 91Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 92Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 93Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 94Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 95Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 96Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 221 page
background image
92
www.national.com
TABLE 43. FDC Command Set Summary
3.6.1
Abbreviations Used in FDC
Commands
BFR Buffer enable bit set in the MODE command.
Enabled open-collector output buffers.
BST
Burst mode disable control bit set in MODE
command. Disables burst mode for the FIFO,
if the FIFO is enabled.
DC3-0 Drive Configuration for drives 3-0. Used to
configure a logical drive to conventional or
perpendicular mode. Used in the PERPEN-
DICULAR MODE command.
DENSEL
Density Select control bits set in the MODE
command.
DIR
Direction control bit used in RELATIVE SEEK
command to indicate step in or out.
DMA DMA mode enable bit set in the SPECIFY
command.
DS1-0 Drive Select for bits 1,0 used in most com-
mands. Selects the logical drive.
EC
Enable Count control bit set in the VERIFY
command. When this bit is 1, SC (Sectors to
read Count) command byte is required.
EIS
Enable Implied Seeks. Set in the CONFIG-
URE command.
EOT End of Track parameter set in read, write,
scan, and VERIFY commands.
ETR Extended Track Range set in the MODE com-
mand.
FIFO First-In First-Out buffer. Also a control bit set
in the CONFIGURE command to enable or
disable the FIFO.
FRD FIFO Read Disable control bit set in the
MODE command
FWR FIFO Write disable control bit set in the
MODE command.
Gap 2 The length of gap 2 in the FORMAT TRACK
command and the portion of it that is rewritten
in the WRITE DATA command depend on the
drive mode, i.e., perpendicular or convention-
al. Figure 58 on page 99 illustrates gap 2
graphically. For more details, see “Bits 1,0 -
Group Drive Mode Configuration (GDC)” on
page 105.
Gap 3 Gap 3 is the space between sectors, exclud-
ing the synchronization field. It is defined in
the FORMAT TRACK command. See Figure
58 on page 99.
Command
Opcode
7
6
5
432 10
CONFIGURE
0
0
0
1 0 0 1 1
DUMPREG
0
0
0
011 10
FORMAT TRACK
0
MFM
0
011 01
INVALID
Invalid Opcode
LOCK
0
0
101 00
MODE
0
0
0
000 01
NSC
0
0
0
110 00
PERPENDICULAR
MODE
0
0
0
100 10
READ DATA
MT MFM
SK
001 10
READ DELETED
DATA
MT MFM
SK
011 00
READ ID
0
MFM
0
010 10
READ TRACK
0
MFM
0
000 10
RECALIBRATE
0
0
0
001 11
RELATIVE SEEK
1
MFM
0
0 1 1 1 1
SCAN EQUAL
MT MFM
SK
1 0 0 0 1
SCAN HIGH OR
EQUAL
MT MFM
SK
111 01
SCAN LOW OR
EQUAL
MT MFM
SK
110 01
SEEK
0
0
0
0 1 1 1 1
SENSE DRIVE
STATUS
0
0
0
001 00
SENSE
INTERRUPT
0
0
0
010 00
SET TRACK
0
1
000 01
SPECIFY
0
0
0
0 0 0 1 1
VERIFY
MT MFM
SK
1 0 1 1 0
VERSION
0
0
0
1 0 0 0 0
WRITE DATA
MT MFM
0
001 01
WRITE DELETED
DATA
MT MFM
0
010 01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com