Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 55 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 55 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 51Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 52Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 53Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 54Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 55Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 59Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 221 page
background image
55
www.national.com
2.3.15 Chip Select 0 High Address
Register (CS0HA), Index 10h
This register holds the high address bits of the moni-
tored I/O address. See CS0LA and CS0CF for com-
plementary description. Bit 0 holds A8. If during reset
CFG0 is1, A15-11 are not input signals of the chip.
Therefore, bits 7-3 are reserved.
FIGURE 16. CS0HA Register Bitmap
2.3.16 Chip Select 1 High Address
Register (CS1HA), Index 11h
This register holds the high address bits of the moni-
tored I/O address. See CS1LA and CS1CF for com-
plementary description. Bit 0 holds A8. If during reset
CFG0 is 1, A15-11 are not input pins of the chip.
Therefore, bits 7-3 are reserved.
FIGURE 17. CS1HA Register Bitmap
2.3.17 SuperI/O Chip Configuration
Register 0 (SCF0), Index 12h
Upon reset, SCF0 is initialized to xxxx0xxx.
FIGURE 18. SCF0 Register Bitmap
Bits 2-0 - Reserved
These bits are reserved.
Bit 3 - SCC2 TRI-STATE Control
This bit controls the TRI-STATE status of the
SCC2 output pins and blocked the input pins, to
avoid leakage current. This bit does not control the
TRI-STATE status of the SCC2 interrupt.
0 - No TRI-STATE enabled in SCC2 pins.
1 - If SCC2 is disabled or the Chip is in power-
down mode, SCC2 and IR output signals are
in TRI-STATE and the input signals are
blocked to reduce their leakage current.
The values of the blocked input signals are:
IRRX1=1,
IRRX2=1,
SIN2=1,
CTS2=1,
DSR2=1, DCD2=1, ID0=1, ID1=1, ID2=1 and
RI2=1.
When IRSL2-0 control their respective pins
they are all 0, under these conditions.
Bits 7-4 - Reserved
Reserved.
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
76
543
21
0
(CS0HA)
Reset
Required
Chip Select 0
Index 10h
High Address Register
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
76
543
21
0
(CS1HA)
Reset
Required
Chip Select 1
Index 11h
High Address Register
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
76
543
21
0
Register 0 (SCF0)
Reset
Required
Index 12h
x
x
x
0
x
x
x
x
SuperI/O Chip
Reserved
Reserved
Reserved
SCC2 TRI-STATE Control
Reserved
Reserved
Reserved
Reserved
Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com