Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 60 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 60 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 56Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 57Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 58Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 61Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 62Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 63Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 64Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 221 page
background image
60
www.national.com
Bits 6-4 - FDC DMA Plug and Play Support
Upon reset these bits are initialized to 011. It is the
software’s responsibility to route all DMA sources
onto the ISA DMA channels correctly. See Table
24.
When a DMA request pin, i.e., DRQ0, DRQ1,
DRQ2 or DRQ3 is not configured as an FDC DMA
request signal or a Parallel Port DMA request sig-
nal, it is in TRI-STATE.
When a DMA acknowledge pin, i.e., DACK0,
DACK1, DACK0 or DACK3 is not configured as an
FDC DMA acknowledge signal or a parallel port
DMA acknowledge signal, it is ignored.
TABLE 24. FDC Plug and Play DMA Settings
Bit 7 - Reserved
This bit is reserved.
2.3.23 Parallel Port Base Address Low
Byte Register (PBAL), Index 42h
This register holds the low address bits of the parallel
port’s base address.
In Legacy mode, this register is ignored and the base
address of the parallel port is determined by bits 1 and
0 of the FAR register.
In Plug and Play mode when EPP is enabled, bit 0
(A2) must be 0.
This register may be modified only when the parallel
port is disabled. Undefined value when out of reset.
It is the software’s responsibility to configure all devic-
es so there will be no conflicts.
FIGURE 25. PBAL Register Bitmap
2.3.24 Parallel Port Base Address High
Byte Register (PBAH), Index 43h
This register holds the high address bits of the parallel
port’s base address.
In Plug and Play mode, when ECP is enabled, bit 2
(A10) must be 0.
In Legacy mode, this register is ignored and the base
address of the Parallel Port is determined by bits 1
and 0 of the FAR register.
This register may be modified only when the parallel
port is disabled. Undefined value when out of reset.
It is the software’s responsibility to configure all devic-
es so there will be no conflicts.
10
0
0
Invalid
10
0
1
IRQ9
10
1
0
IRQ10
10
1
1
IRQ11
11
0
0
IRQ12
11
0
1
Invalid
11
1
0
Invalid
11
1
1
IRQ15
Bit 5 Bit 4 Bit 3 FDC DMA Plug and Play Setting
0
0
0
Disabled. FDC DMA is not
connected to any ISA DMA
channel, i.e., it is not connected to
any of the chip’s DMA pins.
0
0
1
FDC DMA request and
acknowledge signals are
connected to DRQ0 and DACK0
pins.
0
1
0
FDC DMA request and
acknowledge signals are
connected to DRQ1 and DACK1
pins.
0
1
1
FDC DMA request and
acknowledge signals are
connected to DRQ2 and DACK2
pins.
1
0
0
FDC DMA request and
acknowledge signals are
connected to DRQ3 and DACK3
pins.
Bit 3
Bit 2
Bit 1
Bit 0
Interrupt
101
Reserved
110
Reserved
111
Reserved
Bit 5 Bit 4 Bit 3 FDC DMA Plug and Play Setting
76
543
21
0
Reset
Required
x
x
x
x
x
x
x
x
A2
A3
A4
A5
A6
A7
A8
A9
(PBAL)
Parallel Port Base Address
Index 42h
Low Byte Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com