Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  PC97338VLJ Datasheet HTML 1Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 2Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 3Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 4Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 5Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 6Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 7Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 8Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 221 page
background image
1
www.national.com
Block Diagram
Configuration
Registers
Floppy Disk
Controller (FDC)
with
Digital Data
Separator (DDS)
(Enhanced 8477)
High Current Driver
Power-
Down
Logic
Plug and Play
Support
Micro-
Data and
Control
Floppy
Drive
Interface
IRQ
Data
Handshake
Configuration Input
Serial Interface
Serial
Interrupt
and DMA
SCC2
(16550 UART +
SCC1
(16550 UART)
Floppy
Drive
Interface
IEEE1284
Control
Parallel Port
Interface
Fast IR
Interface
DMA
IRQ Input
General
Chip Select
CS1,0
Channels
Signals
Signals
INFRARED)
Address
processor
General Description
The PC97338 is a fully ACPI 1.0 and PC98/99 com-
pliant, ISA based Super I/O. It is functionally compat-
ible with the PC87338. It includes a Floppy Disk
Controller (FDC), two Serial Communication Control-
lers (SCC) for UART and Infrared support, one
IEEE1284 compatible Parallel Port, and two general
purpose Chip Select signals for game port support.
The device supports power management as well as
3.3V and 5V mixed operation making it particularly
suitable for notebook and sub-notebook applications.
The PC87338 and PC97338 are fully compliant to the
Plug and Play specifications included in the "Hard-
ware Design Guide for Microsoft Windows 95".
Differences between the PC87338 and PC97338 are
indicated in italics. These differences are summarized
in Appendix A.
Features
s Meets ACPI 1.0 and PC98/99 requirements
s Backward compatible with PC87338
s 100% compatibility with Plug and Play require-
ments specified in the “
Hardware Design Guide for
Microsoft Windows 95”, ISA, EISA, and Micro-
Channel architectures
s A special Plug and Play module includes:
— Flexible IRQs, DMAs and base addresses
— General Interrupt Requests (IRQs) that can be
multiplexed to the ten supported IRQs
November 1998
PC87338/PC97338
ACPI 1.0 and PC98/99 Compliant SuperI/O
TRI-STATE® is a registered trademark of National Semiconductor Corporation.
IBM®, MicroChannel®, PC-AT® and PS/2® are registered trademarks of International Business Machines Corporation.
Microsoft® and Windows® are registered trademarks of Microsoft Corporation.
© 1998 National Semiconductor Corporation


Similar Part No. - PC97338VLJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC97307 NSC-PC97307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC97307VUL NSC-PC97307VUL Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC97317 NSC-PC97317 Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC97317VUL NSC-PC97317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
More results

Similar Description - PC97338VLJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
PC87307 NSC-PC87307 Datasheet
1Mb / 218P
PC87307/PC97307 Plug and Play Compatible and PC97 Compliant SuperI/O
PC87317VUL NSC-PC87317VUL Datasheet
2Mb / 272P
PC87317VUL/PC97317VUL SuperI/O Plug and Play Compatible with ACPI Compliant Controller/Extender
PC87351 NSC-PC87351 Datasheet
358Kb / 86P
PC87351 PC98 and ACPI Compliant SuperI/O with System Wake-Up Control
PC87373 NSC-PC87373 Datasheet
2Mb / 174P
LPC SuperI/O with Glue Functions
PC87372 NSC-PC87372 Datasheet
1Mb / 144P
LPC SuperI/O with Glue Functions
logo
SMSC Corporation
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
National Semiconductor ...
PC8374L NSC-PC8374L Datasheet
1Mb / 239P
SensorPathTM SuperI/O with Glue Functions
logo
SMSC Corporation
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
logo
Microchip Technology
FDC37C669-MT MICROCHIP-FDC37C669-MT Datasheet
593Kb / 162P
PC 98/99 Compliant Super I/O Floppy Disk Controller
Rev. 06/29/2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com