Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 37 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 37 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 33Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 41Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 221 page
background image
37
www.national.com
TABLE 7. Configuration Registers
Symbol
Description
Index
HW
Cfg
Modules Affected
FDC
PP
S1
S2
IR
CS
CFG
ASC
Advanced SuperI/O Chip Configuration
09h
x
x
CLK
Clock Control
51h
x
CS0CF Chip Select 0 Configuration
0Bh
x
CS0HA Chip Select 0 Base Address, High
10h
x
CS0LA Chip Select 0 Base Address, Low
0Ah
x
CS1CF Chip Select 1 Configuration
0Dh
x
CS1HA Chip Select 1 Base Address, High
11h
x
CS1LA Chip Select 1 Base Address, Low
0Ch
x
FAR
Function Address Register
01h
x
x
x
x
FBAH
FDC Base Address, High
49h
x
FBAL
FDC Base Address, Low
48h
x
FCR
Function Control Register
03h
x
x
x
x
FER
Function Enable Register
00h
x
x
x
x
x
PBAH
Parallel port Base Address, High
43h
x
PBAL
Parallel port Base Address, Low
42h
x
PCR
Parallel port Control Register
04h
x
PMC
Power Management Control
06h
x
x
x
x
PNP0
Plug and Play Configuration 0
1Bh
x
x
x
x
x
PNP1
Plug and Play Configuration 1
1Ch
x
x
PNP2
Plug and Play Configuration 2
41h
x
PNP3
Plug and Play Configuration 3
4Fh
x
x
PTR
Power and Test Register
02h
x
x
x
x
SBAH
SuperI/O chip Base Address, High
4Bh
x
SBAL
SuperI/O chip Base Address, Low
4Ah
x
SCF0
SuperI/O chip Configuration 0
12h
x
SCF1
SuperI/O chip Configuration 1
18h
x
SCF2
SuperI/O chip Configuration 2
40h
x
x
x
SCF3
SuperI/O chip Configuration 3
50h
x
x
x
x
x
SID
SuperI/O chip Identification
08h
x
SIRQ1
System IRQ Input 1 Configuration
4Ch
x
SIRQ2
System IRQ Input 2 Configuration
4Dh
x
x
x
SIRQ3
System IRQ input 3 configuration
4Eh
x
x
x
TUP
Tape, UART and Parallel Port Configuration
07h
x
x
x
x
S1BAH SCC1 Base Address, High
45h
x
S1BAL SCC1 Base Address, Low
44h
x
S2BAH SCC2 Base Address, High
47h
x
S2BAL SCC2 Base Address, Low
46h
x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com