Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 38 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 38 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 34Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 35Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 36Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 37Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 38Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 39Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 40Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 41Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 42Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 221 page
background image
38
www.national.com
2.2.2
Software Device Configuration
Besides the three hardware-configured registers, all
Legacy-mode access to the configuration registers is
achieved by the use of an INDEX and DATA register
pair. Each configuration register is indicated by the
value loaded into the INDEX register. The data to be
written into or read from the indicated configuration
register is transferred via the DATA register.
Accessing the configuration registers in this way re-
quires only two system I/O addresses. These two ad-
dresses are configured by strapping the values of pins
BADDR0 and BADDR1 during reset, as described in
Table 8. Since that I/O space is shared by other de-
vices the INDEX and DATA registers may conflict with
other system devices constrained to use this I/O ad-
dress space. Such conflicts may be resolved by
changing the INDEX and DATA register address as-
signments after reset, as described in Section 2.2.5.
TABLE 8. INDEX and DATA Register Address Op-
tions and Configuration Register Accessibility
2.2.3
Updating Configuration Registers
The settings of the configuration registers are acces-
sible via the INDEX and DATA registers. The location
of these registers is set by hardware during reset, and
the software is not informed of the chosen hardware
setting. The first step required to change configura-
tion registers settings is, to locate the addresses of
the INDEX and DATA registers.
To access the configuration registers after reset, use
the following procedure.
1. Determine the location of the INDEX register.
Check the possible locations (see Table 8) by
reading them twice. At the correct location only,
the first byte to return will be 88h, and the second
will be 00h. This double read must be conducted
before any writes have been made to the address-
es being checked since the ID byte is only issued
from the Index register during the first read after a
reset. (The register is reset by read. Subsequent
reads return the value loaded into the Index regis-
ter (except bits 6-4 which are reserved and always
read 0), or 00h if no write has been made).
2. Load the configuration registers.
A. Disable CPU interrupts (only for the PC87338).
B. Write the index of the configuration register
(00h-0Eh) to the INDEX register.
C. Write the correct data for the configuration reg-
ister to the DATA register (
one write access in
the PC97338 and two consecutive write ac-
cesses in the PC87338).
D. Enable CPU interrupts (only for the PC87338).
3. Load the configuration registers (read-modify-
write).
A. Disable CPU interrupts (only for the PC87338).
B. Write the index of the configuration register
(00h-0Eh) to the INDEX register.
C. Read the configuration data in that register via
the DATA register.
D. Modify the configuration data.
E. Write the changed data for the configuration reg-
ister to the DATA register (
one write access in
the PC97338 and two consecutive write ac-
cesses in the PC87338).
F. Enable CPU interrupts (only for the PC87338).
A single read access to the INDEX and DATA regis-
ters can be done at any time without disabling CPU in-
terrupts. Reading the INDEX register returns the last
value loaded into the INDEX register. Reading the
DATA register returns the configuration register data
pointed to by the INDEX register.
If during reset BADDR1 = 0 and BADDR0 = 1, the IN-
DEX and DATA register addresses are determined af-
ter reset via the Plug and Play protocol. As long as
these addresses are undefined, the configuration reg-
isters are not accessible. See Table 8.
2.2.4
Reserved Bits in Configuration
Registers
To maintain compatibility with future SuperI/O chips,
do not modify reserved bits when the register is writ-
ten, i.e., use read-modify-write to preserve the value
of reserved bits.
2.2.5
INDEX and DATA Register
Locations
During reset, the INDEX and DATA register pair can
be located at one of three locations by a hardware
strapping option on two pins (BADDR0 and BADDR1)
(see Table 8). This enables resolution of conflicts with
other devices in the I/O address space.
For all reset values of BADDR0,1, the INDEX and
DATA register pair can always be relocated via con-
figuration registers SBAL and SBAH. See “Relocating
the INDEX and DATA Register Pair” on page 40.
The INDEX register address is always even. The
DATA register is always at the next consecutive ad-
dress. Bit 7 of the INDEX register is reserved, and is
always read 0.
BADDR Pin
INDEX
Register
Address
DATA
Register
Address
Accessible
after Reset
10
0
0
398h
399h
Yes
0
1
undefined undefined
No
a
a. Apply Plug and Play protocol.
1
0
15Ch
15Dh
Yes
11
2Eh
2Fh
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com