Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 28 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 28 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 24Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 25Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 26Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 27Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 28Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 29Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 30Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 31Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 32Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 221 page
background image
28
www.national.com
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
IRQ9
IRQ10
IRQ11
IRQ12
IRQ15
(Plug and
Play mode)
1
100
98
97
96
57
58
59
68
60
99
98
96
95
94
55
56
57
66
58
I/O
Group 6
Interrupts Requests 3, 4, 5, 6, 7, 9, 10, 11, 12 and 15. These
signals are used to request an interrupt from the host processor,
when appropriate. These output pins can be configured as totem-
pole or open-drain outputs (see below).
Any of these interrupt request lines may be assigned to any one of
the following: SCC1, SCC2, parallel port, FDC, SIRQI1 signal,
SIRQI2 signal, or SIRQI3 signal. For more details, refer to Sections
2 and 6.
When the parallel port’s interrupt is routed to one of these pins, bit
6 of the PCR determines whether the output signal is totem pole or
open drain. Otherwise, they are totem-pole outputs.
This pin is I/O only when the parallel port’s interrupt is routed to this
pin, ECP is enabled and bit 6 of PCR is 1.The Plug and Play mode
is determined by bit 3 of PNP0.
IRQ5 is multiplexed with ADRATE0.
IRQ12 is multiplexed with DSR2, IRRX2 and IRSL0.
IRQ15 is multiplexed with SIRQI1 and DRQ3.
IRQ3
IRQ4
(Legacy
mode)
1
100
99
98
O
Group 6
Interrupts 3 and 4. These are active high interrupts associated with
the serial ports. IRQ3 presents the device interrupt request if the
serial channel has been designated as COM2 or COM4. IRQ4
presents the device interrupt request if the serial port is designated
as COM1 or COM3.
The appropriate interrupt is enabled via IER, the associated
Interrupt Enable bit (Modem Control Register (MCR) bit 3), and the
interrupt request is actually triggered when one of the following
events occur: Receiver Error, Receive Data available, Transmitter
Holding Register Empty, or a Modem Status Flag is set.
The interrupt request signal becomes inactive (low) after the
appropriate interrupt service routine is executed, after being
disabled via the IER, or after a Master Reset. Either interrupt can
be disabled and put in TRI-STATE by setting bit 3 of the MCR low.
IRQ5
(Legacy
mode)
98
96
I/O
Group 6
Interrupt 5. This active high output signal indicates a parallel port
interrupt request. When enabled, this signal follows the ACK signal
input. When bit 4 in the parallel port Control Register is set and the
parallel port address is designated as shown in Table 11, this
interrupt is enabled. When not enabled this signal is TRI-STATE.
This pin is I/O only when ECP is enabled, and IRQ5 is configured.
IRQ6
(Legacy
mode)
97
95
O
Group 6
Interrupt 6. This active high output signal indicates an interrupt
request upon completion of the execution phase for certain FDC
commands. It also signals when a data transfer is ready during a
non-DMA operation. In PC-AT or Model 30 mode, this signal is
enabled by bit D3 of the DOR. In PS/2 mode, IRQ6 is always
enabled, and bit D3 of the DOR is reserved.
IRQ7
(Legacy
mode)
96
94
I/O
Group 6
Interrupt 7. This active high output signal indicates a parallel port
interrupt request. When enabled, this signal follows the ACK signal
input. When bit 4 in the parallel port Control Register is set and the
parallel port address is designated as shown in Table 11, this
interrupt is enabled. When not enabled, this signal is in TRI-STATE.
This pin is I/O only when ECP is enabled, and IRQ7 is configured.
For ECP operation, refer to the interrupt ECP in Section 4.5.5.
Symbol
PQFP
Pin
TQFP
Pin
I/O and
Group #
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com