Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 47 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 47 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 43Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 44Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 45Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 46Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 47Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 48Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 49Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 50Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 51Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 221 page
background image
47
www.national.com
latch (e.g., 74LS175). Address 3F2h is used if the
FDC is located at the primary address (bit 5 of
FER = 0) and address 372h is used if the FDC is
located at the secondary address (bit 5 of FER =
1).
2.3.3
Function Address Register (FAR),
Index 01h
In Plug and Play mode, this register is ignored.
In Legacy mode, this register selects the ISA I/O ad-
dress range to which each peripheral function re-
sponds.
FIGURE 4. FAR Register Bitmap
Bits 1,0 - Parallel Port Address
These bits select the parallel port address as
shown in Table 11.
TABLE 11. Parallel Port Addresses
Bits 3,2 - SCC1 Address
These bits determine which ISA I/O address range
is associated with SCC1 as shown in Table 13.
TABLE 12. COM Port Selection for SCC1
Bits 5,4 - SCC2 Address
These bits determine which ISA I/O address range
is associated with SCC2 as shown in Table 12.
TABLE 13. COM Port Selection for SCC2
Bits 7,6 - Select COM3 or COM4
These bits select the addresses that are used for
COM3 and COM4 as shown in Table 14.
TABLE 14. Address Selection for COM3 and
COM4
2.3.4
Power and Test Register (PTR),
Index 02h
This register determines the power-down method
used and whether hardware power-down is enabled,
and provides a bit for software power down of all en-
abled functions. It selects whether IRQ7 or IRQ5 is
associated with LPT2. It puts the enabled SCCs into
their test mode. Independent of this register the floppy
disk controller can enter low power mode via the
MODE command or the Data Rate Select (DSR) reg-
ister.
FAR
Parallel Port
Address
AT
Interrupt
Bit 1 Bit 0
0
0
LPT2
(378-37F)
IRQ5 a
a. The interrupt assigned to this address can be
changed to IRQ7 by setting bit 3 of the Power
and Test Register (PTR)
0
1
LPT1
(3BC-3BE)
IRQ7
1
0
LPT3
(278-27F)
IRQ5
1
1
Reserved
TRI-STATE
(CTR4=0)
76
543
21
0
Register (FAR)
Reset
Required
Function Address
Index 01h
0
0
0
0
0
x
0
0
Parallel Port Address
SCC1 Address
SCC2 Address
Select COM3 or COM4
FAR
SCC1
Bit 3
Bit 2
COM Port #
0(default)
0(default) COM1
(3F8-F)
01
COM2
(2F8-F)
1
0
COM3
(See Table 14.)
1
1
COM4
(See Table 14.)
FAR
SCC2
Bit 5
Bit 4
COM#
0
0
COM1
(3F8-F)
0(default) 1(default) COM2
(2F8-F)
1
0
COM3
(See Table 14.)
1
1
COM4
(See Table 14.)
Bit 7
Bit 6
COM3 IRQ4
COM4 IRQ3
0
0
3E8-Fh
2E8-Fh
0
1
338-Fh
238-Fh
1
0
2E8-Fh
2E0-7h
1
1
220-7h
228-Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com