Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 63 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 63 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 59Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 60Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 61Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 62Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 63Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 64Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 65Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 66Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 67Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 221 page
background image
63
www.national.com
2.3.31 SIO Base Address Low Byte
Register (SBAL), Index 4Ah
This register holds the low address bits of the base
address of the SuperI/O chip, i.e., the Chip. These
bits are also the low address bits of the INDEX regis-
ter.
The address of the DATA register is the next consec-
utive address after the address of the INDEX register.
The reset value of SBAL depends on the values of
BADDR0 and BADDR1 during reset. See Table 25.
For more details about programming the Chip’s base
address, see Section 2.2.5 on page 38.
It is the software’s responsibility to configure all devic-
es so as to avoid conflicts.
TABLE 25. SBAL Reset Values
FIGURE 33. SBAL Register Bitmap
2.3.32 SIO Base Address High Byte
Register (SBAH), Index 4Bh
This register holds the high address bits of the base
address of the SuperI/O chip, i.e., the Chip. These
bits are also the high address bits of the INDEX reg-
ister.
The address of the DATA register is the next consec-
utive address after the address of the INDEX register.
The reset value of SBAH depends on the values of
BADDR0 and BADDR1 during reset. See Table 26.
For more details about programming the Chip’s base
address see Section 2.2.5 on page 38.
It is the software’s responsibility to configure all devic-
es so as to avoid conflicts.
TABLE 26. SBAH Reset Values
FIGURE 34. SBAH Register Bitmap
2.3.33 System IRQ Input 1 Configuration
Register (SIRQ1), Index 4Ch
This register allows configuration of the SIRQI1 sig-
nal. It is initialized to x0x00000 during reset.
FIGURE 35. SIRQ1 Register Bitmap
BADDR1
BADDR0
SBAL Reset Value
0
0
98h
0
1
Undefined
10
5Ch
11
2Eh
76
543
21
0
Reset
Required
Reserved
A1
A2
A3
A4
A5
A6
A7
(SBAL)
SuperI/O Chip Base Address
Index 4Ah
Low Byte Register
BADDR1
BADDR0
SBAH Reset Values
0
0
03h
0
1
Undefined
1
0
01h
1
1
00h
A8
A9
A10
A11
A12
A13
A14
A15
A8
A9
Reserved
A10
Reserved
Reserved
Reserved
Reserved
Address Length
7
654
32
10
Reset
Required
11 Bits
16 bits
CFG0 = 1
CFG0 = 0
(SBAH)
SuperI/O Chip Base Address
Index 4Bh
High Byte Register
76
543
21
0
Reset
Required
0
0
0
0
0
x
0
x
(SIRQ1)
System IRQ Input 1
Index 4Ch
Configuration Register
Invert SIRQI1
SIRQI1 Status
Select IRQ15, SIRQI1 or DRQ3
SIRQI1 Mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com