Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 126 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 126 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 122Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 123Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 124Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 125Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 126Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 127Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 128Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 129Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 130Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 221 page
background image
126
www.national.com
Bit 2 - IRQ Status
In all modes except Extended SPP, this bit is always
1.
In Extended SPP mode (bit 7 of PTR is 1) this bit is
the IRQ status bit. It remains high unless the interrupt
request is enabled (bit 4 of CTR set high). This bit is
high except when latched low when the ACK signal
makes a low to high transition, indicating a character
is now being transferred to the printer.
Reading this bit resets it to 1.
0 - Interrupt requested in Extended SPP mode.
1 - No interrupt requested. (Default)
Bit 3 - ERR Status
This bit reflects the current state of the printer error
signal, ERR. The printer sets this bit low when
there is a printer error.
0 - Printer error.
1 - No printer error.
Bit 4 - SLCT Status
This bit reflects the current state of the printer se-
lect signal, SLCT. The printer sets this bit high
when it is online and selected.
0 - No printer selected.
1 - Printer selected and online.
Bit 5 - PE Status
This bit reflects the current state of the printer pa-
per end signal (PE). The printer sets this bit high
when it detects the end of the paper.
0 - Printer has paper.
1 - End of paper in printer.
Bit 6 - ACK Status
This bit reflects the current state of the printer ac-
knowledge signal, ACK. The printer pulses this
signal low after it has received a character and is
ready to receive another one. This bit follows the
state of the ACK pin.
0 - Character reception complete.
1 - No character received .
Bit 7 - Printer Status
This bit reflects the current state of the printer
BUSY signal. The printer sets this bit low when it
is busy and cannot accept another character.
This bit is the inverse of the (BUSY/WAIT) pin.
0 - Printer busy.
1 - Printer not busy.
4.2.5
Control Register (CTR), Offset 2
The control register provides all the output signals
that control the printer. Except for bit 5, it is a read and
write register.
Normally when the Control Register is read, the bit
values are provided by the internal output data latch.
These bit values can be superseded by the logic level
of the STB, AFD, INIT, and SLIN pins, if these pins
are forced high or low by an external voltage. To force
these signals high or low the corresponding bits
should be set to their inactive state (e.g., AFD, STB
and SLIN should all be 0, INIT should be 1).
Section 4.3.11 describes the transfer operations that
are possible in EPP mode.
FIGURE 62. CTR Register Bitmap (SPP Mode)
in PC87338
FIGURE 63. CTR Register Bitmap (SPP Mode)
Bit 0 - Data Strobe Control
Bit 0 directly controls the data strobe signal to the
printer via the STB pin.
This bit is the inverse of the STB pin.
765
43
210
Reset
Required
0
0
0
0
0
0
1
1
Control Register
(CTR)
Offset 2
Printer Initialization Control(INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Auto Line Feed Control
Parallel Port Input Control
765
43
210
Reset
Required
0
0
1
0
0
0
1
1
Control Register
(CTR)
Offset 2
Printer Initialization Control(INIT)
Interrupt Enable
Direction Control
Reserved
Reserved
Data Strobe Control
Auto Line Feed Control
Parallel Port Input Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com