Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 141 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 141 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 137Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 138Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 139Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 140Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 141Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 142Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 143Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 144Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 145Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 221 page
background image
141
www.national.com
1 - The FIFO is empty or ECP clock is frozen.
Bit 1 - FIFO Full
This bit continuously reflects the FIFO state, and
therefore can only be read. Data written to this bit
is ignored.
When the ECP clock is frozen this bit is read as 1,
regardless of the actual FIFO state.
0 - The FIFO has at least one free byte.
1 - The FIFO is full or ECP clock frozen.
Bit 2 - ECP Service
This bit enables servicing of interrupt requests. It
is set to 1 upon reset, and by the occurrence of in-
terrupt events.
While set to 1, neither DMA nor the interrupt
events listed below will generate an interrupt. It is
set to 0 by software.
When set to 0, the interrupt setup is “armed” and
an interrupt will be generated on occurrence of an
interrupt event.
While the ECP clock is frozen, it will always return
a 0 value, although it retains its proper value and
may be modified while the clock is frozen.
When one of the following interrupt events occurs
while this bit is 0, an interrupt is generated and this
bit is set to 1 by hardware.
— DMA is enabled (Bit 3 of ECR is 1) and terminal
count is reached.
— FIFO write threshold reached (no DMA -Bit 3 of
ECR is 0; forward direction - bit 5 of DCR is 0,
and there are eight or more bytes free in the
FIFO).
— FIFO read threshold reached (no DMA - bit 3 of
ECR is 0; read direction set - bit 5 of DCR is 1,
and there are eight or more bytes to be read
from the FIFO).
0 - The DMA and the above three interrupts are
not disabled.
1 - The DMA and the above three interrupts are
disabled.
Bit 3 - ECP DMA Enable
0 - Depending on the value of bits 7 and 6 of the
PNP2 register, the selected pin DRQ0, DRQ1
or DRQ2 is in TRI-STATE, and the appropriate
signal DACK0, DACK1 or DACK2 is assumed
inactive.
1 - The DMA is enabled and the DMA starts
when bit 2 of ECR is 0.
Bit 4 - ECP Interrupt Mask
0 - An interrupt is generated on ERR assertion
(the high-to-low edge of ERR). An interrupt is
also generated while ERR is asserted when
this bit is changed from 1 to 0; this prevents
the loss of an interrupt between ECR read
and ECR write.
1 - No interrupt is generated.
Bits 7-5 - ECP Mode Control
These bits set the mode for the ECP device. See
Section 4.5 for a more detailed description of op-
eration in each of these ECP modes. The ECP
modes are listed in Table 71.
TABLE 71. ECP Modes
Mode
Code
Mode Name
Operation Description
Bit
7
Bit
6
Bit
5
0
0
0
Standard
mode
Write cycles are under
software control.
Bit 5 of DCR is forced to 0
(forward direction) and
PD7-0 are driven.
The FIFO is reset (empty).
Reading DATAR returns the
last value written to DATAR.
0
0
1
PS/2 mode Read and write cycles are
under software control.
The FIFO is reset (empty).
0
1
0
Parallel port
FIFO mode
Write cycles are automatic,
i.e., under hardware control
(STB is controlled by
hardware).
Bit 5 of DCR is forced to 0
internally (forward direction)
and PD7-0 are driven.
0
1
1
ECP FIFO
mode
The FIFO direction is
automatic, i.e., controlled
by bit 5 of DCR.
Read and write cycles to
the device are controlled by
hardware (STB and AFD
are controlled by
hardware).
1
0
0
Reserved
1
0
1
Reserved
1
1
0
FIFO test
mode
The FIFO is accessible via
the TFIFO register.
The ECP does not issue
ECP cycles to fill or empty
the FIFO.
1
1
1 Configuration
mode
CNFGA and CNFGB
registers are accessible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com