Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 159 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 159 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 155Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 156Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 157Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 158Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 159Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 160Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 161Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 162Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 163Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 221 page
background image
159
www.national.com
BSR – Bank Select Register
When bit 7 is 1, bits 0–6 of BSR are used to select the
bank. The encodings are shown in Table 80.
TABLE 80. Bank Selection Encoding
5.14.5 MCR – Modem/Mode Control
Register
Used to control the interface with the modem or data
set, as well as the module operational mode. The
function of this register changes depending upon
whether the module is in extended or non-extended
mode. In extended mode the interrupt output signal is
always enabled and loopback can be selected by set-
ting bit 4 of the EXCR1 register. Upon reset, all bits
are set to 0.
Non-Extended Mode
The format of the non-extended mode MCR is shown
in Figure 88.
FIGURE 88. Modem Control Register,
Non-Extended Mode
Extended Mode
The format of the extended mode MCR is shown in
Figure 88.
Note: Bits 2 to 7 should always be initialized after the
operational mode is changed from non-extended to
extended.
FIGURE 88. Modem Control Register,
Extended Modes
BSR Bits
Bank
Selected
76543
210
0
xxxx
xxx
0
1
0
xxx
xxx
1
1
1
x
x
xx1
x
1
1
1
xxx
xx
1
1
11100
000
2
11100
100
3
11101
000
4
11101
100
5
11110
000
6
11110
100
7
11111x
00
Reserved
1
1
0
x
x
x
0
0
Reserved
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
RILP
LOOP
Reserved
Reserved
Reserved
DTR
RTS
ISEN / DCDLP
B0
DTR – Data Terminal Ready.
This bit controls the DTR signal output.
When it is set to 1, DTR is driven low.
In loopback mode this bit internally drives
DSR.
B1
RTS – Request to Send.
This bit controls the RTS signal output.
When it is set to 1, RTS is driven low.
In loopback mode this bit internally drives CTS.
B2
RILP – Loopback RI.
In normal operation this bit is unused.
In loopback mode this bit internally drives RI.
B3
ISEN/DCDL – Interrupt Signal Enable/Loop-
back DCD.
In normal operation this bit controls the inter-
rupt signal, and it must be set to 1 in order to
enable it.
In loopback mode, this bit internally drives
DCD, and the interrupt signal is always en-
abled.
Note: New programs should always keep this
bit set to 1 during normal operation. The inter-
rupt signal should be controlled through the
Plug-n-Play logic.
B4
LOOP – Loopback Enable.
When set to 1, loopback mode is selected.
This bit accesses the same internal register as
bit 4 of the EXCR1 register.
Refer to the section describing the EXCR1 reg-
ister for more information on the loopback
mode.
B7–5 Reserved.
Forced to 0.
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
DMA_EN
IR_PLS
MDSL0
MDSL1
MDSL2
DTR
RTS
TX_DFR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com