Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 174Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 175Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 176Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 177Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 178Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 179Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 180Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 181Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 221 page
background image
178
www.national.com
5.21.2 IRTXMC – Infrared Transmitter
Modulator Control Register
Used to select the modulation subcarrier parameters
for CEIR and Sharp-IR modes. For Sharp-IR, only the
subcarrier pulse width is controlled by this register,
the subcarrier frequency is fixed at 500 kHz.
After reset, the content of this register is 69h, select-
ing a subcarrier frequency of 36 kHz and a pulse
width of 7
µs for CEIR, or a pulse width of 0.8 µs for
Sharp-IR.
FIGURE 88. Intrared Transmitter Modulator
Control Register
TABLE 96. CEIR Carrier Frequency Encoding
B4–0 MCFR [4–0] – Modulation Subcarrier Fre-
quency.
Selects the frequency for the CEIR modulation
subcarrier.
Encoding
Low Frequency,
TXHSC = 0
High Frequency,
TXHSC = 1
00000
Reserved
Reserved
00001
Reserved
Reserved
00010
Reserved
Reserved
00011
30 kHz
400 kHz
00100
31 kHz
Reserved
00101
32 kHz
Reserved
00110
33 kHz
Reserved
00111
34 kHz
Reserved
76
54
321
0
Reset
Required
1
0
0
1
0
1
1
0
0
MCFR(2-0)
MCPW(2-0)
Reserved
01000
35 kHz
450 kHz
01001
36 kHz
Reserved
01010
37 kHz
Reserved
01011
38 kHz
480 kHz
01100
39 kHz
Reserved
01101
40 kHz
Reserved
01110
41 kHz
Reserved
01111
42 kHz
Reserved
10000
43 kHz
Reserved
10001
44 kHz
Reserved
10010
45 kHz
Reserved
10011
46 kHz
Reserved
10100
47 kHz
Reserved
10101
48 kHz
Reserved
10110
49 kHz
Reserved
10111
50 kHz
Reserved
11000
51 kHz
Reserved
11001
52 kHz
Reserved
11010
53 kHz
Reserved
11011
54 kHz
Reserved
11100
55 kHz
Reserved
11101
56 kHz
Reserved
11110
56.9 kHz
Reserved
11111
Reserved
Reserved
Encoding
Low Frequency,
TXHSC = 0
High Frequency,
TXHSC = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com