Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 186 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 186 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 182Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 183Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 184Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 185Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 186Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 187Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 188Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 189Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 190Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 221 page
background image
186
www.national.com
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
Link Control Register
(SH_LCR)
Bank 3,
Shadow of
STB
EPS
STKP
SBRK
BKSE
WLS0
WLS1
PEN
Offset 01h
76
54
321
0
Reset
Required
0
0
0
0
0
0
0
0
FIFO Control Register
(SH_FCR)
Bank 3,
Shadow of
TXFR
TXFTH0
TXFHT1
RXFTH0
RXFTH1
FIFO_EN
RXFR
Reserved
Offset 02h
7
6
5
432
10
Reset
Required
x
x
x
x
x
x
x
x
Low Byte
Register (TMR(L))
Bank 4,
Timer Register
of Interval Timer
Offset 00h
Least Significant Bits
76
54
321
0
Reset
Required
x
x
x
x
0
0
0
0
0
0
0
0
High Byte
Register (TMR(H))
Bank 4,
Most Significant Bits
of Interval Timer
Timer Register
Reserved
Offset 01h
765
43
210
Reset
Required
0
0
0
0
0
0
0
0
0
0
0
0
(IRCR1)
Bank 4,
Infrared Control Register1
IR_SL0
TMR_EN
CTEST
IR_SL1
Offset 02h
Reserved
76
54
321
0
Required
0
0
0
0
0
0
0
0
(TFRL(L) or TFRCC(L))
Register
Bank 4,
Least Significant Bits of
Transmission Frame Length or Current Count
Transmission Frame Length
or Current Count
Least Significant Bits
Offset 04h
Reset
76
543
21
0
Reset
Required
0
0
0
1
0
0
0
0
0
0
0
(TFRL(H) or TFRCC(H))
Register
Bank 4,
Most Significant Bits of
Transmission Frame Length
Transmission Frame Length or Current Count
or Current Count
Reserved
Most Significant Bits
Offset 05h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com