Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 197 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 197 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 193Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 194Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 195Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 196Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 197Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 198Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 199Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 200Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 201Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 197 / 221 page
background image
197
www.national.com
8.0 Device Description
8.1
GENERAL ELECTRICAL CHARACTERISTICS
8.1.1
Absolute Maximum Ratings
If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Note 1: Absolute maximum ratings indicate limits beyond which permanent damage may occur. Continuous
operation at these limits is not intended; operation should be limited to those conditions specified under Electri-
cal Characteristics.
Note 2: Value Based on test complying with NSC SOP5-028 human body model ESD testing using the ETS-
910 tester.
Note 3: Unless otherwise specified all voltages are referenced to ground.
8.1.2
Capacitance
TABLE 108. Capacitance: TA 0°C to 70°C, VDD = 5V +/- 10% or 3.3V +/- 10%, VSS = 0V
8.1.3
Electrical Characteristics
TABLE 109. Power Consumption
Supply Voltage (VDD)
-0.5V to + 7.0V
Input Voltage (VI)
-0.5 to VDD + 0.5V
Output Voltage (VO)-0.5 to VDD + 0.5V
Storage Temperature (TSTG)
-65
°C to + 165°C
Power Dissipation (PD)1W
Lead Temperature (TL)
(Soldering, 10 seconds)
+260
°C
ESD Tolerance (Note 2)
2000V min.
CZAP
100 pF
RZAP
1.5 k
Ω
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
CIN
Input Pin Capacitance
5
7
pF
CICLK
Clock Input Capacitance
8
10
pF
CIO
I/O Pin Capacitance
f = 1 MHz
10
12
pF
CO
Output Pin Capacitance
f = 1 MHz
6
8
pF
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
ICC
VDD Average Supply Current
VDD = 5V, VIL = 0.5V,
VIH = 2.4V, No Load
20
50
mA
VDD = 3.3V, VIL = 0.5V,
VIH = 2.4V, No Load
12
35
mA
ICCSB
VDD Quiescent Supply Current in Low
Power Mode
VDD = 5V, VIL = 0.5V,
VIH = 2.4V, No Load
400
µA
VDD = 3.3V, VIL = 0.5V,
VIH = 2.4V, No Load
200
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com