Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 207 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 207 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 203Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 204Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 205Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 206Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 207Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 208Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 209Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 210Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 211Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 221 page
background image
207
www.national.com
Note 1:
tCWN is the nominal pulse width of the modulation signal for Sharp-IR and CEIR modes. It is determined by the MCPW [2-0] and TXHSC bits in the
IRTXMC and RCCFG registers.
Note 2:
tCPN is the nominal period of the modulation signal for Sharp-IR and CEIR modes. It is determined by the MCFR [4-0] and TXHSC bits in the IRTXMC
and RCCFG registers.
Note 3:
tMMIN and tMMAX define the time range within which the period of the incoming subcarrier signal has to fall in order for the signal to be accepted by
the receiver. These time values are determined by the content of register IRRXDC and the setting of bit RXHSC in the RCCFG register.
Note 4:
tBTN is the nominal bit time in UART, Sharp-IR, SIR, MIR and CEIR modes.
Note 5:
tMWN is the nominal pulse width for MIR mode. It is determined by the MPW [3-0] and MDRS bits in the MIR_PW and IRCR2 registers.
Note 6:
The receiver pulse width requirements for various jitter values can be obtained by assuming a linear pulse-width/jitter relationship. For example, if
the jitter is +/- 10 ns, the width of a single pulse must fall between 84 and 165 ns.
Note 7:
The WRITE Signal will not change from low to high before DSTRB or ASTRB changes from low to high.
Note 8:
D7-0 is assumed to be valid 15 ns or more before WR becomes active.
Note 9:
When WAIT is low, tWSTa and tWWa are measured from the high-to-low transition of WR or RD; otherwise they are measured from the high-to-low
transition of WAIT.
8.4.2
Timing Diagrams
FIGURE 91. Clock Timing
tECHL
Figures 107,
108
BUSY or AFD Delay After STB or ACK Inactive
0
35
ms
tECLL
Figures 107,
108
STB or ACK Active After BUSY or AFD Falling
Edge
0ns
MISCELLANEOUS TIMING
tISS
Figure 109
IRQn Signal Delay From SIRQI1,2,3
25
ns
tCSD
Figure 110
CS1-0 Signals Delay From A15-0, WR and RD
25
ns
tMRW
Figure 111
Master Reset Pulse Width
22
µs
tMRF
Figure 111
Output Signals Floating From Reset Active
700
ns
tMRCia
Figure 111
Output Signals Inactive From Reset Active
300
ns
Symbol
Figure
Parameter
Min
Max
Unit
X1
tCL
tCH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com