Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC97338VLJ Datasheet(PDF) 216 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC97338VLJ
Description  ACPI 1.0 and PC98/99 Compliant SuperI/O
PDF  221 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC97338VLJ Datasheet(HTML) 216 Page - National Semiconductor (TI)

Back Button PC97338VLJ Datasheet HTML 212Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 213Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 214Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 215Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 216Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 217Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 218Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 219Page - National Semiconductor (TI) PC97338VLJ Datasheet HTML 220Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 221 page
background image
216
www.national.com
Appendix A
Comparison of PC87338 and PC97338
** In the PC87338 and PC97338, BOUT1 is multiplexed with SOUT1; BOUT2 is multiplexed with DRT2.
Module
PC87338
PC97338
Configuration
Updating a Configuration Register
requires two consecutive write
accesses to the Data Register, and
the CPU interrupts must be disabled
during the write cycle.
Updating a Configuration Register
requires a single write to the Data
Register, and the CPU interrupts do not
need to be disabled.
The MIDI baud rate (pre-scale of 12
instead of 13) is configured by TUP3
as follows:
TUP3: 0 - Pre-scale divides the
clock by 13
TUP3: 1 - Pre-scale divides the
clock by 12 (for MIDI)
TUP3 is reserved. Programming the
UART to MIDI baud rate is
accomplished by programming the pre-
scale to 1, and the baud rate divisor to
a number that is 12 times its value in
the PC87338.
SuperI/O Chip Configuration Register
2 (SCF2) bit 4 is reserved:
Bit 4: Reserved
SuperI/O Chip Configuration Register 2
(SCF2) bit 4 value is:
Bit 4: SCC1 Bank Select Enable
No Manufacturing Test Register.
Includes a new register, the
Manufacturing Test Register (MTEST),
Index 52h.
FDC
No FM mode support.
Supports FM mode.
NPP
The output of the control signals are
at level 2 (push-pull) in:
- EPP1.9 mode
- ECP mode 011
- ECP mode 010 and PCR[1]=1
The output of the control signal are at
level 2 (push-pull) in:
- EPP mode
- All ECP modes except 000
DCR5 is a read only bit (return 0) in
ECP modes 000 and 010. In all other
ECP modes, DCR5 is a read/write bit.
DCR5 is a read/write bit in all ECP
modes.
CTR2 is 0 after reset (activate INIT
signal to initialize the printer).
CTR2 is 1 after reset, so the printer
remains in ECP mode if it was
programmed to this mode and not
initialized to SPP mode.
UART** and IR
The baud rate generator is not
initialized on power-up.
MR signal resets the baud rate
generator register on power-up.
In loopback mode, the data is not
projected on SOUT1,2 pins.
In loopback mode, the data is projected
on SOUT1,2 pins.
No ID pin.
IRSL0-2 is multiplexed with ID0-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com