Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 160 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 160 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 156Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 157Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 158Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 159Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 160Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 161Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 162Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 163Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 164Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 249 page
background image
MXI/CLKIN
MXO
C1
C2
Crystal
MXVSS
15−30 MHz
1.8 V
MXVDD
C
L
+
C
1C2
(C
1
) C2)
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
6.6
External Clock Input From MXI/CLKIN Pin
The C6424 device includes two options to provide an external clock input:
•
Use an on-chip oscillator with external crystal.
•
Use an external 1.8-V LVCMOS-compatible clock input.
The optimal external clock input frequency is 15–30 MHz. Section 6.6.1 provides more details on Option 1,
using an on-chip oscillator with external crystal. Section 6.6.2 provides details on Option 2, using an
external 1.8-V LVCMOS-compatible clock input.
6.6.1
Clock Input Option 1- Crystal
In this option, a crystal is used as the external clock input to the C6424.
The 15–30-MHz oscillator provides the reference clock for all C6424 subsystems and peripherals. The
on-chip oscillator requires an external 15–30-MHz crystal connected across the MXI and MXO pins, along
with two load capacitors, as shown in Figure 6-9. The external crystal load capacitors must be connected
only to the 15–30-MHz oscillator ground pin (MXVSS). Do not connect to board ground (VSS). The MXVDD
pin can be connected to the same 1.8 V power supply as DVDDR2.
Figure 6-9. 15–30-MHz System Oscillator
The load capacitors, C1 and C2, should be chosen such that the equation is satisfied (typical values are
C1 = C2 = 10 pF). CL in the equation is the load specified by the crystal manufacturer. All discrete
components used to implement the oscillator circuit should be placed as close as possible to the
associated oscillator pins (MXI and MXO) and to the MXVSS pin.
Table 6-13. Input Requirements for Crystal (1)
PARAMETER
MIN
TYP
MAX
UNIT
Start-up time (from power up until oscillating at stable frequency of 30
4
ms
MHz)
Oscillation frequency
15
30
MHz
ESR
60
Ω
(1)
For audio applications, stability of the input clock is very important. The user should select crystals with low enough ppm to ensure good
audio quality for the specific application.
6.6.2
Clock Input Option 2—1.8-V LVCMOS-Compatible Clock Input
In this option, a 1.8-V LVCMOS-Compatible Clock Input is used as the external clock input to the C6424.
The external connections are shown in Figure 6-10. The MXI/CLKIN pin is connected to the 1.8-V
LVCMOS-Compatible clock source. The MXO pin is left unconnected. The MXVSS pin is connected to
board ground (VSS). The MXVDD pin can be connected to the same 1.8-V power supply as DVDDR2.
160
Peripheral Information and Electrical Specifications
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com