Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 67 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 67 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 63Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 64Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 65Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 66Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 67Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 68Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 69Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 70Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 71Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3
Device Configurations
3.1
System Module Registers
The system module includes status and control registers required for configuration of the device. Brief
descriptions of the various registers are shown in Table 3-1. System Module registers required for device
configurations are discussed in the following sections.
Table 3-1. System Module Register Memory Map
HEX ADDRESS RANGE
REGISTER ACRONYM
DESCRIPTION
0x01C4 0000
PINMUX0
Pin Multiplexing Control 0 (see Section 3.7.2.1, PINMUX0 Register
Description).
0x01C4 0004
PINMUX1
Pin Multiplexing Control 1 (see Section 3.7.2.2, PINMUX1 Register
Description).
0x01C4 0008
DSPBOOTADDR
DSP Boot Address (see Section 3.4.2.3, DSPBOOTADDR Register).
0x01C4 000C
BOOTCOMPLT
Boot Complete (see Section 3.4.2.2, BOOTCMPLT Register).
0x01C4 0010
–
Reserved
0x01C4 0014
BOOTCFG
Device Boot Configuration (see Section 3.4.2.1, BOOTCFG Register).
0x01C4 0018 - 0x01C4 0027
–
Reserved
0x01C4 0028
JTAGID
JTAG ID (see Section 6.22.1, JTAG ID (JTAGID) Register
Description(s)).
0x01C4 002C
–
Reserved
0x01C4 0030
HPICTL
HPI Control (see Section 3.6.2.1, HPI Control Register).
0x01C4 0034
–
Reserved
0x01C4 0038
–
Reserved
0x01C4 003C
MSTPRI0
Bus Master Priority Control 0 (see Section 3.6.1, Switch Central
Resource (SCR) Bus Priorities).
0x01C4 0040
MSTPRI1
Bus Master Priority Control 1 (see Section 3.6.1, Switch Central
Resource (SCR) Bus Priorities).
0x01C4 0044
–
Reserved
0x01C4 0048
VDD3P3V_PWDN
VDD 3.3-V I/O Powerdown Control (see Section 3.2, Power
Considerations).
0x01C4 004C
DDRVTPER
DDR2 VTP Enable Register (see Section 6.9.4, DDR2 Memory
Controller).
0x01C4 0050 - 0x01C4 0080
–
Reserved
0x01C4 0084
TIMERCTL
Timer Control (see Section 3.6.2.2, Timer Control Register).
0x01C4 0088
EDMATCCFG
EDMA Transfer Controller Default Burst Size Configuration (see
Section 3.6.2.3, EDMA TC Configuration Register).
0x01C4 008C
–
Reserved
3.2
Power Considerations
The C6424 provides several means of managing power consumption.
As described in the Section 6.3.4, C6424 Power and Clock Domains, the C6424 has one single power
domain—the “Always On” power domain. Within this power domain, the C6424 utilizes local clock gating
via the Power and Sleep Controller (PSC) to achieve power savings. For more details on the PSC, see
Section 6.3.5, Power and Sleep Controller (PSC) and the TMS320C642x Power and Sleep Controller
(PSC) User's Guide (literature number SPRUEN8).
Some of the C6424 peripherals support additional power saving features. For more details on power
saving features supported, see the TMS320C642x DSP Peripherals Overview Reference Guide (literature
number SPRUEM3).
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
67
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com