Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 93 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 93 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 89Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 90Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 91Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 92Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 93Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 94Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 95Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 96Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 97Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-18. PINMUX1 Register Description (continued)
Bit
Field Name
Description
Pins Controlled
Timer0 Block Pin Select.
Selects the function of the multiplexed pins in the Timer0 Block.
00 = GPIO Mode (default).
Pins function as GPIO (GP[98:97]).
01 = Timer0 Mode.
Timer0 Block:
Pins function as Timer0 TINP0L and TOUT0L.
17:16
TIM0BK
CLKS1/TINP0L/GP[98]
CLKS0/TOUT0L/GP[97]
10 = McBSP0 and McBSP1 External Clock Source Mode.
Pins function as McBSP0 and McBSP1 external clock source pins, CLKS0 and
CLKS1, respectively.
11 = McBSP0 External Clock Source + Timer0 Input Mode.
Pins function as McBSP0 external clock source CLKS0, and Timer0 input
TINP0L.
CLKOUT Block Pin Select.
Selects the function of the multiplexed pins in the CLKOUT Block.
00 = GPIO Mode.
Pin functions as GPIO (GP[84]).
CLKOUT Block:
15:14
CKOBK
01 = CLKOUT Mode (default).
CLKOUT0/PWM2/GP[84]
Pin functions as device clock output CLKOUT0, sourced from PLLC1 OBSCLK.
10 = PWM2 Mode.
Pin functions as PWM2.
11 = Reserved
Reserved. For proper device operation, the user should only write "0" to this bit
13
RSV
–
(default).
PWM1 Block Pin Select.
Selects the function of the multiplexed pins in the PWM1 Block.
0 = GPIO Mode (default).
PWM1 Block:
12
PWM1BK
Pin functions as GPIO (GP[4]).
GP[4]/PWM1
1 = PWM1 Mode.
Pin functions as PWM1.
UART0 Flow Control Block Pin Select.
Selects the function of the multiplexed pins in the UART0 Flow Control Block.
00 = GPIO Mode (default).
Pins function as GPIO (GP[88:87]).
UART0 Flow Control Block:
11:10
UR0FCBK
01 = UART0 Flow Control Mode.
UCTS0/GP[87]
Pins function as UART0 Flow Control UCTS0 and URTS0.
URTS0/PWM0/GP[88]
10 = PWM0 + GPIO Mode.
Pins function as PWM0 and GPIO (GP[87]).
11 = Reserved
Reserved. For proper device operation, the user should only write "0" to this bit
9
RSV
–
(default).
UART0 Data Block Pin Select.
Selects the function of the multiplexed pins in the UART0 Data Block.
UART0 Data Block:
0 = GPIO Mode (default).
8
UR0DBK
URXD0/GP[85]
Pins function as GPIO (GP[86:85]).
UTXD0/GP[86]
1 = UART0 Data Mode.
Pins function as UART0 data URXD0 and UTXD0.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
93
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com