Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 17 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 13Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 14Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 15Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 16Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 17Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 18Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 19Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 20Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
31
16
RESERVED
R-0000 0000 0000 0000
15
3
2
0
RESERVED
L1PMODE
R- 0000 0000 0000 0
R/W-111 (7h)
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Figure 2-4. L1PCFG Register
Table 2-3. L1PCFG Register Description
Bit
Field Name
Description
31:3
RESERVED
Reserved. Read-only, writes have no effect.
L1PMODE select.
000 [0h] = L1P Cache Disabled
001 [1h] = 4 KB
010 [2h] = 8 KB
2:0
L1PMODE
011 [3h] = 16KB
100 [4h] = 32KB
101 [5h] = 32KB
110 [6h] = 32KB
111 [7h] = 32KB [default].
2.2.2.2
L1D Configuration Register (L1DCFG) Description
The L1D Configuration Register (L1DCFG) controls/defines the size of the L1D cache. On the C6424, the
L1DCFG register is device-specific and varies from what is shown in the TMS320C64x+ DSP
Megamodule Reference Guide (literature number SPRU871). The format and bit field descriptions of the
L1DCFG register for the C6424 are shown in Figure 2-5 and Table 2-4, respectively.
31
16
RESERVED
R-0000 0000 0000 0000
15
3
2
0
RESERVED
L1DMODE
R- 0000 0000 0000 0
R/W-111 (7h)
LEGEND: R/W = Read/Write; R = Read only; -n = value after reset.
Figure 2-5. L1DCFG Register
Table 2-4. L1DCFG Register Description
Bit
Field Name
Description
31:3
RESERVED
Reserved. Read-only, writes have no effect.
L1DMODE select.
000 [0h] = L1D Cache Disabled
001 [1h] = 4 KB
010 [2h] = 8 KB
2:0
L1DMODE
011 [3h] = 16KB
100 [4h] = 32KB
101 [5h] = 32KB
110 [6h] = 32KB
111 [7h] = 32KB [default].
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
17
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com