Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 87 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 87 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 83Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 84Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 85Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 86Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 87Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 88Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 89Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 90Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 91Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
3.7
Multiplexed Pin Configurations
C6424 makes extensive use of pin multiplexing to accommodate a large number of peripheral functions in
the smallest possible package, providing ultimate flexibility for end applications.
The Pin Multiplex Registers PINMUX0 and PINMUX1 in the System Module are responsible for controlling
all pin multiplexing functions on the C6424. The default setting of some of the PINMUX0 and PINMUX1 bit
fields are configured by configuration pins latched at reset (see Section 3.5.1, Device and Peripheral
Configurations at Device Reset). After reset, software may program the PINMUX0 and PINMUX1 registers
to switch pin functionalities.
The following peripherals have multiplexed pins: EMIFA, PCI, HPI, VLYNQ, EMAC, McASP0, McBSP0,
McBSP1, PWM0, PWM1, PWM2, Timer0, Timer1, UART0, UART1, and GPIO.
The device is divided into the following Pin Multiplexed Blocks (Pin Mux Blocks):
•
EMIFA Block: EMIFA, part of PCI, GPIO. This block is further subdivided into these sub-blocks:
–
Sub-Block 0: part of EMIFA (data, address, control), part of PCI, part of EMAC(RMII), and GPIO
–
Sub-Block 1: part of EMIFA (data, address, control), part of EMAC(RMII), and GPIO
–
Sub-Block 2: part of EMIFA (control signals EM_WAIT/(RDY/BSY), EM_OE, and EM_WE)
–
Sub-Block 3: part of EMIFA (address EM_A[12:5]), part of PCI, and GPIO
•
Host Block: HPI, VLYNQ, EMAC(MII), part of PCI, and GPIO
•
PCI Data Block: part of PCI
•
GPIO Block: part of PCI and GPIO
•
Serial Port Block: McBSP0, McBSP1, McASP0, and GPIO. This block is further sub-divided into
sub-blocks.
–
Serial Port Sub-Block 0: McBSP0, part of McASP0, and GPIO
–
Serial Port Sub-Block 1: McBSP1, part of McASP0, and GPIO
•
UART0 Flow Control Block: UART0 flow control, PWM0, and GPIO
•
UART0 Data Block: UART0 data and GPIO
•
Timer0 Block: Timer0 and McBSPs’ CLKS pins
•
Timer1 Block: Timer1 and UART1 data
•
PWM1 Block: PWM1 and GPIO
•
CLKOUT Block: CLKOUT0, PWM2, and GPIO
As shown in the list above, the PCI, McBSP0, McBSP1, UART0, and EMAC peripherals span multiple Pin
Mux Blocks. To use these peripherals, they must be selected in all relevant Pin Mux Blocks. For more
details, see Section 3.7.3, Pin Multiplexing Details, and Section 3.7.3.2, Peripherals Spanning Multiple Pin
Mux Blocks.
Note: There is no actual pin multiplexing in EMIFA Sub-Block 2 and the PCI Data Block. However these
are still considered "pin mux blocks" because they contain part of the pins necessary for EMIFA and PCI,
respectively.
A high level view of the Pin Mux Blocks is shown in Figure 3-10. In each Pin Mux Block, the
PINMUX0/PINMUX1 default settings are underlined.
Note: Some default pin functions are determined by configuration pins (PCIEN and AEM[2:0]); therefore,
more than one configuration setting can serve as default based on the configuration pin settings latched at
device reset.
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
87
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com