Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 54 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 54 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 50Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 51Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 52Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 53Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 54Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 55Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 56Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 57Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 58Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-22. UART0 and UART1 Terminal Functions
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
UART1
TINP1L/
This pin is multiplexed between the Timer 1, UART1 (Data), and
IPU
URXD1/
L4
P3
I/O/Z
GPIO.
DVDD33
GP[56]
Fo UART1 this pin is the receive data input URXD1.
TOUT1L/
This pin is multiplexed between the Timer 1, UART1 (Data), and
IPU
UTXD1/
K4
N3
I/O/Z
GPIO.
DVDD33
GP[55]
Fo UART1 this pin is the transmit data output UTXD1.
UART0
URXD0/
IPU
This pin is multiplexed between UART0 (Data) and GPIO.
L2
M2
I/O/Z
GP[85]
DVDD33
When used by UART0 this pin is the receive data input URXD0.
UTXD0/
IPU
This pin is multiplexed between UART0 (Data) and GPIO.
K3
N1
I/O/Z
GP[86]
DVDD33
In UART0 mode, this pin is the transmit data output UTXD0.
UCTS0/
IPU
This pin is multiplexed between the UART0 (Flow Control) and GPIO.
L1
P1
I/O/Z
GP[87]
DVDD33
In UART0 mode, this pin is the clear to send input UCTS0.
URTS0/
This pin is multiplexed between the UART0 (Flow Control), PWM0,
IPU
PWM0/
L3
M3
I/O/Z
and GPIO.
DVDD33
GP[88]
In UART0 mode, this pin is the ready to send output URTS0.
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
(2)
IPD = Internal pulldown, IPU = Internal pullup. For more detailed information on pullup/pulldown resistors and situations where external
pullup/pulldown resistors are required, see Section 3.9.1 , Pullup/Pulldown Resistors.
(3)
Specifies the operating I/O supply voltage for each signal
54
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com