Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 92 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 92 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 88Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 89Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 90Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 91Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 92Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 93Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 94Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 95Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
3.7.2.2
PINMUX1 Register Description
The Pin Multiplexing 1 Register (PINMUX1) controls the pin multiplexing of all Pin Mux Blocks. The
PINMUX1 register format is shown in Figure 3-12 and the bit field descriptions are given in Table 3-18.
Some muxed pins are controlled by more than one PINMUX bit field. For the combination of PINMUX bit
fields that control each muxed pin, see Section 3.7.3.1, Multiplexed Pins on C6424.
31
26
25
24
23
22
21
20
19
18
17
16
RESERVED
SPBK1
SPBK0
TIM1BK
RSV
TIM0BK
R/W-0000 00
R/W-00
R/W-00
R/W-00
R/W-00
R/W-00
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
PWM1
UR0D
CKOBK
RSV
UR0FCBK
RSV
RSV
HOSTBK
RESERVED
PCIEN
BK
BK
R/W-01
R/W-0
R/W-0
R/W-00
R/W-0
R/W-0
R/W-0
R/W-000
R/W-000
R-P
LEGEND: R/W = Read/Write; R = Read only; P = specified pin state; -n = value after reset
(1) For proper C6424 device operation, always write a value of "0" to all RESERVED/RSV bits.
Figure 3-12. PINMUX1 Register—0x01C4 0004 (1)
Table 3-18. PINMUX1 Register Description
Bit
Field Name
Description
Pins Controlled
Reserved. For proper device operation, the user should only write "0" to this bit
31:26
RESERVED
–
(default).
Serial Port Sub-Block 1 Pin Select.
Selects the function of the multiplexed pins in the Serial Port Sub-Block 1.
00 = GPIO Mode (default).
Pins function as GPIO (GP[110:105]).
Serial Port Sub-Block 1:
AXR0[0]/FSR1/GP[105]
01 = McBSP1 Mode.
ACLKX0/CLKX1/GP[106]
Pins function as McBSP1: CLKX1, FSX1, DX1, CLKR1, FSR1, and DR1.
25:24
SPBK1
AFSX0/DX1/GP[107]
AHCLKX0/CLKR1/GP[108]
10 = McASP0 Transmit and 1 serializer.
AMUTEIN0/FSX1/GP[109]
Pins function as McASP0: AXR0[0], ACLKX0, AFSX0, AHCLKX0, AMUTEIN0,
AMUTE0/DR1/GP[110]
and AMUTE0.
11 = McBSP1 Transmit + McASP0 SPDIF Mode.
Pins function as McBSP1 transmit (CLKX1, FSX1, DX1) and McASP0 SPDIF
(AXR0[0], AHCLKX0, AMUTE0).
Serial Port Sub-Block 0 Pin Select.
Selects the function of the multiplexed pins in the Serial Port Sub-Block 0.
00 = GPIO Mode (default).
Serial Port Sub-Block 0:
Pins function as GPIO (GP[104:99]).
ACLKR0/CLKX0/GP[99]
AFSR0/DR0/GP[100]
01 = McBSP0 Mode.
23:22
SPBK0
AHCLKR0/CLKR0/GP[101]
Pins function as McBSP0 CLKX0, FSX0, DX0, CLKR0, FSR0, and DR0.
AXR0[3]/FSR0/GP[102]
AXR0[2]/FSX0/GP[103]
10 = McASP0 Receive and 3 serializers.
AXR0[1]/DX0/GP[104]
Pins function as McASP0 ACLKR0, AFSR0, AHCLKR0, AXR0_3, AXR0_2, and
AXR0_1.
11 = Reserved
Timer1 Block Pin Select.
Selects the function of the multiplexed pins in theTimer1 Block.
00 = GPIO Mode (default).
Pins function as GPIO (GP[56:55]).
Timer1 Block:
21:20
TIM1BK
01 = Timer1 Mode.
TINP1L/URXD1/GP[56]
Pins function as Timer1 TINP1L and TOUT1L.
TOUT1L/UTXD1/GP[55]
10 = UART1 Data Mode.
Pins function as UART1 data pins URXD1 and UTXD1.
11 = Reserved.
Reserved. For proper device operation, the user should only write "0" to this bit
19:18
RSV
–
(default).
92
Device Configurations
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com