Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 69 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 69 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 65Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 66Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 67Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 68Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 69Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 70Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 71Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 72Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 73Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 3-2. VDD3P3V_PWDN Register Bit Descriptions (1) (continued)
BIT
NAME
DESCRIPTION
Timer0 Block I/O Power Down Control.
Controls the power of the 2 I/O pins in the Timer0 Block.
8
TIMER0
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
Serial Port Block I/O Power Down Control.
Controls the power of the 12 I/O pins in the Serial Port Block (Serial Port Sub-Block 0 and
Serial Port Sub-Block 1).
7
SP
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
PWM1 Block I/O Power Down Control.
Controls the power of the 1 I/O pin in the PWM1 Block.
6
PWM1
0 = I/O pins powered up.
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z) [default].
GPIO Block I/O Power Down Control.
Controls the power of the 4 I/O pins in the GPIO Block.
5
GPIO
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
Host Block I/O Power Down Control.
Controls the power of the 27 I/O pins in the Host Block.
4
HOST
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
EMIFA Sub-Block 2 I/O Power Down Control.
Controls the power of the 3 I/O pins in the EMIFA Sub-Block 2.
3
EMBK2
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
EMIFA Sub-Block 1 I/O Power Down Control.
Controls the power of the 29 I/O pins in the EMIFA Sub-Block 1.
2
EMBK1
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
EMIFA Sub-Block 0 I/O Power Down Control.
Controls the power of the 21 I/O pins in the EMIFA Sub-Block 0.
1
EMBK0
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
CLKOUT Block I/O Power Down Control.
Controls the power of the 1 I/O pin in the CLKOUT Block.
0
CLKOUT
0 = I/O pins powered up [default].
1 = I/O pins powered down and not operational. Outputs are 3-stated (Hi-Z).
3.3
Clock Considerations
Global device and local peripheral clocks are controlled by the PLL Controllers (PLLC1 and PLLC2) and
the Power and Sleep Controller (PSC).
3.3.1
Clock Configurations after Device Reset
After device reset, the user is responsible for programming the PLL Controllers (PLLC1 and PLLC2) and
the Power and Sleep Controller (PSC) to bring the device up to the desired clock frequency and the
desired peripheral clock state (clock gating or not).
Copyright © 2007–2009, Texas Instruments Incorporated
Device Configurations
69
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com