Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 60 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 56Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 57Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 58Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 59Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 60Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 61Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 62Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 63Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 64Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-28. Supply Terminal Functions
SIGNAL
TYPE(1)
OTHER
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
SUPPLY VOLTAGE PINS
A1
A2
A2
A21
A18
B1
E6
D6
E8
D8
F5
D10
F7
D16
F9
D18
F11
E3
F13
E5
G6
E7
G8
E9
G10
E11
G12
E13
G14
E15
H5
E17
H18
E19
J1
F4
J6
F18
J14
G5
3.3 V I/O supply voltage
DVDD33
S
(see Section 6.3.3, Power-Supply Decoupling.)
J16
G19
K15
H4
K17
H18
L6
J5
M5
J19
M15
K4
N6
K18
P1
L1
L5
L21
M18
M20
N5
N19
P4
P18
P20
P22
R5
T4
(1)
I = Input, O = Output, Z = High impedance, S = Supply voltage, GND = Ground, A = Analog signal
60
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com