Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 32Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 33Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 34Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 35Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 36Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 37Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 38Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 39Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 249 page
background image
TMS320C6424
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
www.ti.com
Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
This pin is multiplexed between EMIFA and GPIO.
For EMIFA, this is the Bank Address 1 output EM_BA[1].
EM_BA[1]/
IPD
When connected to an 8-bit asynchronous memory, this pin is the 2nd
C16
C20
I/O/Z
GP[5]/(AEM0)
DVDD33
bit of the address.
When connected to a 16-bit asynchronous memory, this pin is the
lowest order bit of the 16-bit word address.
This pin is multiplexed between EMIFA and GPIO.
IPD
EM_A[21]/GP[34]
D12
C16
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 21 output
DVDD33
EM_A[21].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[20]/PINTA/
IPD
C12
C15
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 20 output
GP[44]
DVDD33
EM_A[20].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[19]/PREQ/
IPD
B12
C14
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 19 output
GP[45]
DVDD33
EM_A[19].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[18]/PRST/
IPD
D11
A14
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 18 output
GP[46]
DVDD33
EM_A[18].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[17]/AD31/
IPD
A11
B14
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 17 output
GP[47]
DVDD33
EM_A[17].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[16]/PGNT/
IPD
C11
B13
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 16 output
GP[48]
DVDD33
EM_A[16].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[15]/AD29/
IPD
B11
C13
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 15 output
GP[49]
DVDD33
EM_A[15].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[14]/AD27/
IPD
A10
A13
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 14 output
GP[50]
DVDD33
EM_A[14].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[13]/AD25/
IPD
B10
A12
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 13 output
GP[51]
DVDD33
EM_A[13].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[12]/PCBE3/
IPD
D10
B12
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 12 output
GP[89]
DVDD33
EM_A[12].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[11]/AD24/
IPD
C10
C12
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 11 output
GP[90]
DVDD33
EM_A[11].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[10]/AD23/
IPD
A9
B11
I/O/Z
For EMIFA (AEM[2:0] = 010), this pin is address bit 10 output
GP[91]
DVDD33
EM_A[10].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[9]/PIDSEL/
IPD
D9
C11
I/O/Z
GP[92]
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 9 output EM_A[9].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[8]/AD21/
IPD
B9
A11
I/O/Z
GP[93]
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 8 output EM_A[8].
This pin is multiplexed between EMIFA, PCI, and GPIO.
EM_A[7]/AD22/
IPD
C9
C10
I/O/Z
GP[94]
DVDD33
For EMIFA (AEM[2:0] = 010), this pin is address bit 7 output EM_A[7].
36
Device Overview
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com