Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETV2664ACLZWT Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TNETV2664ACLZWT
Description  Fixed-Point Digital Signal Processor
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETV2664ACLZWT Datasheet(HTML) 39 Page - Texas Instruments

Back Button TNETV2664ACLZWT Datasheet HTML 35Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 36Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 37Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 38Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 39Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 40Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 41Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 42Page - Texas Instruments TNETV2664ACLZWT Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 249 page
background image
TMS320C6424
www.ti.com
SPRS347D – MARCH 2007 – REVISED DECEMBER 2009
Table 2-12. EMIFA Terminal Functions (EMIFA Pinout Mode 2, AEM[2:0] = 010) (continued)
SIGNAL
TYPE(1)
OTHER(2) (3)
DESCRIPTION
ZWT
ZDU
NAME
NO.
NO.
EM_D0/
IPD
D16
E21
I/O/Z
GP[14]
DVDD33
EM_D1/
IPD
D18
G20
I/O/Z
GP[15]
DVDD33
EM_D2/
IPD
D17
E22
I/O/Z
GP[16]
DVDD33
EM_D3/
IPD
E16
F20
I/O/Z
GP[17]
DVDD33
EM_D4/
IPD
E18
G21
I/O/Z
GP[18]
DVDD33
EM_D5/
IPD
E17
F22
I/O/Z
GP[19]
DVDD33
EM_D6/
IPD
F16
F21
I/O/Z
GP[20]
DVDD33
EM_D7/
IPD
These pins are multiplexed between EMIFA (NAND) and GPIO.
F17
H20
I/O/Z
GP[21]
DVDD33
For EMIFA (NAND) AEM[2:0] = 010, these are the 16-bit bi-directional
EM_D8/
IPD
A12
A15
I/O/Z
data bus (EM_D[15:0]).
GP[43]
DVDD33
EM_D9/
IPD
B13
B15
I/O/Z
GP[42]
DVDD33
EM_D10/
IPD
C13
B16
I/O/Z
GP[41]
DVDD33
EM_D11/
IPD
D14
C18
I/O/Z
GP[40]
DVDD33
EM_D12/
IPD
B14
A16
I/O/Z
GP[39]
DVDD33
EM_D13/
IPD
C14
B17
I/O/Z
GP[38]
DVDD33
EM_D14/
IPD
B15
B18
I/O/Z
GP[37]
DVDD33
EM_D15/
IPD
C15
B19
I/O/Z
GP[36]
DVDD33
Copyright © 2007–2009, Texas Instruments Incorporated
Device Overview
39
Submit Documentation Feedback
Product Folder Link(s): TMS320C6424



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com